Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR0130CSSC00SPBA0-DR Datasheet(PDF) 35 Page - ON Semiconductor

Part # AR0130CSSC00SPBA0-DR
Description  CMOS Digital Image Sensor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0130CSSC00SPBA0-DR Datasheet(HTML) 35 Page - ON Semiconductor

Back Button AR0130CSSC00SPBA0-DR Datasheet HTML 31Page - ON Semiconductor AR0130CSSC00SPBA0-DR Datasheet HTML 32Page - ON Semiconductor AR0130CSSC00SPBA0-DR Datasheet HTML 33Page - ON Semiconductor AR0130CSSC00SPBA0-DR Datasheet HTML 34Page - ON Semiconductor AR0130CSSC00SPBA0-DR Datasheet HTML 35Page - ON Semiconductor AR0130CSSC00SPBA0-DR Datasheet HTML 36Page - ON Semiconductor AR0130CSSC00SPBA0-DR Datasheet HTML 37Page - ON Semiconductor AR0130CSSC00SPBA0-DR Datasheet HTML 38Page - ON Semiconductor AR0130CSSC00SPBA0-DR Datasheet HTML 39Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 53 page
background image
AR0130 DS Rev. L Pub. 6/15 EN
35
©Semiconductor Components Industries, LLC, 2015.
AR0130: 1/3-Inch CMOS Digital Image Sensor
Two-Wire Serial Register Interface
Sequential READ, Start from Current Location
This sequence (Figure 23) starts in the same way as the single READ from current loca-
tion (Figure 21). Instead of generating a no-acknowledge bit after the first byte of data
has been transferred, the master generates an acknowledge bit and continues to
perform byte READs until “L” bytes have been read.
Figure 23:
Sequential READ, Start from Current Location
Single WRITE to Random Location
This sequence (Figure 24) begins with the master generating a start condition. The slave
address/data direction byte signals a WRITE and is followed by the HIGH then LOW
bytes of the register address that is to be written. The master follows this with the byte of
write data. The WRITE is terminated by the master generating a stop condition.
Figure 24:
Single WRITE to Random Location
Sequential WRITE, Start at Random Location
This sequence (Figure 25) starts in the same way as the single WRITE to random location
(Figure 24). Instead of generating a no-acknowledge bit after the first byte of data has
been transferred, the master generates an acknowledge bit and continues to perform
byte WRITEs until “L” bytes have been written. The WRITE is terminated by the master
generating a stop condition.
Figure 25:
Sequential WRITE, Start at Random Location
Read Data
Read Data
Previous Reg Address, N
N+1
N+2
N+L-1
N+L
Read Data
Slave Address
A
1
Read Data
A P
S
A
A
A
Slave Address
0
S
A Reg Address[15:8]
A
Reg Address[7:0]
A
P
Previous Reg Address, N
Reg Address, M
M+1
A
A
Write Data
Slave Address
0
S
A Reg Address[15:8]
A
A
Reg Address[7:0]
A
Previous Reg Address, N
Reg Address, M
M+1
M+2
M+1
M+3
A
A
A
M+L-2
M+L-1
M+L
A
A
P
Write Data
Write Data
Write Data
Write Data
Write Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com