Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR0130CSSC00SPBA0-DR Datasheet(PDF) 19 Page - ON Semiconductor

Part # AR0130CSSC00SPBA0-DR
Description  CMOS Digital Image Sensor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0130CSSC00SPBA0-DR Datasheet(HTML) 19 Page - ON Semiconductor

Back Button AR0130CSSC00SPBA0-DR Datasheet HTML 15Page - ON Semiconductor AR0130CSSC00SPBA0-DR Datasheet HTML 16Page - ON Semiconductor AR0130CSSC00SPBA0-DR Datasheet HTML 17Page - ON Semiconductor AR0130CSSC00SPBA0-DR Datasheet HTML 18Page - ON Semiconductor AR0130CSSC00SPBA0-DR Datasheet HTML 19Page - ON Semiconductor AR0130CSSC00SPBA0-DR Datasheet HTML 20Page - ON Semiconductor AR0130CSSC00SPBA0-DR Datasheet HTML 21Page - ON Semiconductor AR0130CSSC00SPBA0-DR Datasheet HTML 22Page - ON Semiconductor AR0130CSSC00SPBA0-DR Datasheet HTML 23Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 53 page
background image
AR0130 DS Rev. L Pub. 6/15 EN
19
©Semiconductor Components Industries, LLC, 2015.
AR0130: 1/3-Inch CMOS Digital Image Sensor
Features
Additionally, the VCO frequency, defined as
must be within
384-768MHz and the EXTCLK must be within 2MHz =< fEXTCLK /N <= 24MHz
The user can utilize the Register Wizard tool accompanying DevWare to generate PLL
settings given a supplied input clock and desired output frequency.
Spread-Spectrum Clocking
To facilitate improved EMI performance, the external clock input allows for spread spec-
trum sources, with no impact on image quality. Limits of the spread spectrum input
clock are:
• 5% maximum clock modulation
• 35 KHz maximum modulation frequency
• Accepts triangle wave modulation, as well as sine or modified triangle modulations.
Stream/Standby Control
The sensor supports two standby modes: Hard Standby and Soft Standby. In both
modes, external clock can be optionally disabled to further minimize power consump-
tion. If this is done, then the “Power-Up Sequence” on page 48 must be followed.
Soft Standby
Soft Standby is a low power state that is controlled through register R0x301A[2].
Depending on the value of R0x301A[4], the sensor will go to standby after completion of
the current frame readout (default behavior) or after the completion of the current row
readout. When the sensor comes back from Soft Standby, previously written register
settings are still maintained.
A specific sequence needs to be followed to enter and exit from Soft Standby.
To Enter Soft Standby:
1. R0x301A[12] = 1 if serial mode was used
2. Set R0x301A[2] = 0
3. External clock can be turned off to further minimize power consumption (Optional)
To Exit Soft Standby:
1. Enable external clock if it was turned off
2. R0x301A[2] = 1
3. R0x301A[12] = 0 if serial mode is used
4P216

f
VCO
f
EXTCLK
M
N
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com