Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KAI-4021 Datasheet(PDF) 53 Page - ON Semiconductor

Part # KAI-4021
Description  INTERLINE CCD IMAGE SENSOR
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAI-4021 Datasheet(HTML) 53 Page - ON Semiconductor

Back Button KAI-4021 Datasheet HTML 48Page - ON Semiconductor KAI-4021 Datasheet HTML 49Page - ON Semiconductor KAI-4021 Datasheet HTML 50Page - ON Semiconductor KAI-4021 Datasheet HTML 51Page - ON Semiconductor KAI-4021 Datasheet HTML 52Page - ON Semiconductor KAI-4021 Datasheet HTML 53Page - ON Semiconductor KAI-4021 Datasheet HTML 54Page - ON Semiconductor KAI-4021 Datasheet HTML 55Page - ON Semiconductor KAI-4021 Datasheet HTML 56Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 53 / 56 page
background image
KAI-4021 Image Sensor
www.truesenseimaging.com
Revision 1.1 PS-0014 Pg 53
GLASS
Figure 46: Glass Drawing
Notes:
1.
Multi-Layer Anti-Reflective Coating on 2 sides:
a.
Double Sided Reflectance:
b.
Range (nm)
i. 420 – 435 nm < 2.0%
ii. 435 – 630 nm < 0.8%
iii. 630 – 680 nm < 2.0%
2.
Dust, Scratch specification – 10 microns max.
3.
Substrate – Schott D263T eco or equivalent
4.
Epoxy: NCO-150HB
a.
Thickness: 0.002” – 0.005”
5.
Dimensions
a.
Units: INCH [MM]
6.
Tolerance, unless otherwise specified
a.
Ceramic: ± 1% no less than 0.004”
b.
L/F: ± 1% no more than 0.004”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com