Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KAI-4021 Datasheet(PDF) 9 Page - ON Semiconductor

Part # KAI-4021
Description  INTERLINE CCD IMAGE SENSOR
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAI-4021 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button KAI-4021 Datasheet HTML 5Page - ON Semiconductor KAI-4021 Datasheet HTML 6Page - ON Semiconductor KAI-4021 Datasheet HTML 7Page - ON Semiconductor KAI-4021 Datasheet HTML 8Page - ON Semiconductor KAI-4021 Datasheet HTML 9Page - ON Semiconductor KAI-4021 Datasheet HTML 10Page - ON Semiconductor KAI-4021 Datasheet HTML 11Page - ON Semiconductor KAI-4021 Datasheet HTML 12Page - ON Semiconductor KAI-4021 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 56 page
background image
KAI-4021 Image Sensor
www.truesenseimaging.com
Revision 1.1 PS-0014 Pg 9
PIXEL
Figure 2: Pixel Architecture
An electronic representation of an image is formed when incident photons falling on the sensor plane create electron-
hole pairs within the individual silicon photodiodes. These photoelectrons are collected locally by the formation of
potential wells at each photosite. Below photodiode saturation, the number of photoelectrons collected at each pixel
is linearly dependent upon light level and exposure time and non-linearly dependent on wavelength. When the
photodiodes charge capacity is reached, excess electrons are discharged into the substrate to prevent blooming.
Top View
Direction
of
Charge
Transfer
True Two Phase Burried Channel VCCD
Lightshield over VCCD not shown
7.4
m
V1
Photodiode
7.4
m
V2
Transfer
Gate
Direction of
Charge
Transfer
V1
V2
V1
n-
n
n-
n-
p Well (GND)
Cross Section Down Through VCCD
n Substrate
p
V1
n
p+
Light Shield
p
p
n
n
Substrate
p
Cross Section Through
Photodiode and VCCD Phase 1
Photo
diode
p
p
V2
n
p+
Light Shield
p
p
n
n
Substrate
p
Cross Section Through Photodiode
and VCCD Phase 2 at Transfer Gate
Transfer
Gate
Cross Section Showing Lenslet
Drawings not scale
Lenslet
VCCD
VCCD
Light Shield
Light Shield
Photodiode
Red Color Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com