Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KAI-4021 Datasheet(PDF) 32 Page - ON Semiconductor

Part # KAI-4021
Description  INTERLINE CCD IMAGE SENSOR
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAI-4021 Datasheet(HTML) 32 Page - ON Semiconductor

Back Button KAI-4021 Datasheet HTML 28Page - ON Semiconductor KAI-4021 Datasheet HTML 29Page - ON Semiconductor KAI-4021 Datasheet HTML 30Page - ON Semiconductor KAI-4021 Datasheet HTML 31Page - ON Semiconductor KAI-4021 Datasheet HTML 32Page - ON Semiconductor KAI-4021 Datasheet HTML 33Page - ON Semiconductor KAI-4021 Datasheet HTML 34Page - ON Semiconductor KAI-4021 Datasheet HTML 35Page - ON Semiconductor KAI-4021 Datasheet HTML 36Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 56 page
background image
KAI-4021 Image Sensor
www.truesenseimaging.com
Revision 1.1 PS-0014 Pg 32
Summed Interlaced Scan
Figure 21: Summed Interlaced Scan Operation
In the summed interlaced scan read out mode, charge from two photodiodes is summed together inside the vertical
CCD. The clocking of the VCCD is such that one pixel occupies the space equivalent to two pixels in the progressive
scan mode. This allows the VCCD to hold twice as many electrons as in progressive scan mode. Now the maximum
useful signal is limited by the charge capacity of two photodiodes at 80,000 electrons. If only one field is read out of
the image sensor the apparent vertical resolution will be 1024 rows instead of the 2048 rows in progressive scan
(equivalent to binning). To recover the full resolution of the image sensor two fields, even and odd, are read out. In
the even field rows 0+1, 2+3, 4+5, … are summed together. In the odd field rows 1+2, 3+4, 5+6, … are summed
together.
The modulation transfer function (MTF) of the summed interlaced scan mode is less in the vertical direction than the
progressive scan. But the dynamic range is twice that of progressive scan. The vertical MTF is better than a simple
binning operation. In this mode the VCCD needs to be clocked for only 1037 rows to read out each field.
Figure 22: Summed Interlaced Scan Flow Chart
0
1
2
3
5
4
7
6
0
1
2
3
5
4
7
6
even field
odd field
Summed
Interlaced Even
Frame
Timing
Interlaced Line
Timing
Repeat for
1037 Lines
Summed
Interlaced Odd
Frame
Timing
Interlaced Line
Timing
Repeat for
1037 Lines



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com