Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KAI-4021 Datasheet(PDF) 13 Page - ON Semiconductor

Part # KAI-4021
Description  INTERLINE CCD IMAGE SENSOR
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAI-4021 Datasheet(HTML) 13 Page - ON Semiconductor

Back Button KAI-4021 Datasheet HTML 9Page - ON Semiconductor KAI-4021 Datasheet HTML 10Page - ON Semiconductor KAI-4021 Datasheet HTML 11Page - ON Semiconductor KAI-4021 Datasheet HTML 12Page - ON Semiconductor KAI-4021 Datasheet HTML 13Page - ON Semiconductor KAI-4021 Datasheet HTML 14Page - ON Semiconductor KAI-4021 Datasheet HTML 15Page - ON Semiconductor KAI-4021 Datasheet HTML 16Page - ON Semiconductor KAI-4021 Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 56 page
background image
KAI-4021 Image Sensor
www.truesenseimaging.com
Revision 1.1 PS-0014 Pg 13
OUTPUT
Figure 6: Output Architecture
Charge packets contained in the horizontal register are dumped pixel by pixel onto the floating diffusion (fd) output
node whose potential varies linearly with the quantity of charge in each packet. The amount of potential charge is
determined by the expression ΔVfd=ΔQ/Cfd. A three-stage source-follower amplifier is used to buffer this signal
voltage off chip with slightly less than unity gain. The translation from the charge domain to the voltage domain is
quantified by the output sensitivity or charge to voltage conversion in terms of microvolts per electron (μV/e
-). After
the signal has been sampled off chip, the reset clock (R) removes the charge from the floating diffusion and resets its
potential to the reset drain voltage (RD).
When the image sensor is operated in the binned or summed interlaced modes there will be more than 20,000
electrons in the output signal. The image sensor is designed with a 31 µV/e
- charge to voltage conversion on the
output. This means a full signal of 20,000 electrons will produce a 640 mV change on the output amplifier. The output
amplifier was designed to handle an output swing of 640 mV at a pixel rate of 40 MHz. If 40,000 electron charge
packets are generated in the binned or summed interlaced modes then the output amplifier output will have to swing
1280 mV. The output amplifier does not have enough bandwidth (slew rate) to handle 1280 mV at 40 MHz. Hence, the
pixel rate will have to be reduced to 20 MHz if the full dynamic range of 40,000 electrons is desired.
The charge handling capacity of the output amplifier is also set by the reset clock voltage levels. The reset clock driver
circuit is very simple, if an amplitude of 5 V is used. But the 5 V amplitude restricts the output amplifier charge
capacity to 20,000 electrons. If the full dynamic range of 40,000 electrons is desired then the reset clock amplitude will
have to be increased to 7 V.
If you only want a maximum signal of 20,000 electrons in binned or summed interlaced modes, then a 40 MHz pixel rate
with a 5 V reset clock may be used. The output of the amplifier will be unpredictable above 20,000 electrons so be
sure to set the maximum input signal level of your analog to digital converter to the equivalent of 20,000 electrons
(640 mV).
Floating
Diffusion
HCCD
Charge
Transfer
Source
Follower
#1
Source
Follower
#2
Source
Follower
#3
RD
R
OG
H2S
H1S
H1B
H2S
H2B
VDD
VOUT
H2B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com