Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5033MMX/NOPB Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM5033MMX/NOPB
Description  100V Push-Pull Voltage Mode PWM Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5033MMX/NOPB Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM5033MMX/NOPB Datasheet HTML 2Page - Texas Instruments LM5033MMX/NOPB Datasheet HTML 3Page - Texas Instruments LM5033MMX/NOPB Datasheet HTML 4Page - Texas Instruments LM5033MMX/NOPB Datasheet HTML 5Page - Texas Instruments LM5033MMX/NOPB Datasheet HTML 6Page - Texas Instruments LM5033MMX/NOPB Datasheet HTML 7Page - Texas Instruments LM5033MMX/NOPB Datasheet HTML 8Page - Texas Instruments LM5033MMX/NOPB Datasheet HTML 9Page - Texas Instruments LM5033MMX/NOPB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
125
130
135
140
145
150
155
-50
0
50
100
150
TEMPERATURE (
oC)
-50
0
50
100
150
9.4
9.6
9.8
10.0
10.2
10.4
TEMPERATURE (
oC)
-50
0
50
100
150
200
198
199
200
201
202
TEMPERATURE (
oC)
1
1000
100
RT (k:)
10
100
0
2
4
6
8
10
12
14
16
VIN (V)
0
2
4
6
8
10
12
14
16
VCC not externally powered
0
5
10
15
20
25
30
35
40
ICC (mA)
0
2
4
6
8
10
12
14
16
LM5033
SNVS181B – APRIL 2004 – REVISED APRIL 2013
www.ti.com
Typical Performance Characteristics
VCC
VCC
vs
vs
VIN
ICC (VIN = 48V)
Figure 3.
Figure 4.
Oscillator Frequency
Oscillator Frequency
vs
vs
Temperature
RT
RT = 26.7kΩ
Figure 5.
Figure 6.
Soft Start Current
Dead Time
vs
vs
Temperature
Temperature
Figure 7.
Figure 8.
6
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LM5033



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com