Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5033MMX/NOPB Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LM5033MMX/NOPB
Description  100V Push-Pull Voltage Mode PWM Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5033MMX/NOPB Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM5033MMX/NOPB Datasheet HTML 8Page - Texas Instruments LM5033MMX/NOPB Datasheet HTML 9Page - Texas Instruments LM5033MMX/NOPB Datasheet HTML 10Page - Texas Instruments LM5033MMX/NOPB Datasheet HTML 11Page - Texas Instruments LM5033MMX/NOPB Datasheet HTML 12Page - Texas Instruments LM5033MMX/NOPB Datasheet HTML 13Page - Texas Instruments LM5033MMX/NOPB Datasheet HTML 14Page - Texas Instruments LM5033MMX/NOPB Datasheet HTML 15Page - Texas Instruments LM5033MMX/NOPB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
LM5033
Out1
Out2
LM5100
Hi
Li
LM5033
Out1
Out2
LM5100
Hi
Li
Reduce Deadtime
Increase Deadtime
LM5033
SNVS181B – APRIL 2004 – REVISED APRIL 2013
www.ti.com
If the LM5033 is to be synchronized to an external clock, that signal must be coupled into pin 9 through a 100 pF
capacitor. The Rt resistor is still required in this case, and it must be selected to set the internal oscillator to a
frequency lower than the external synchronizing frequency. The amplitude of the external pulses must take pin 9
above 3.8V on the low-to-high transition but no higher than 5.5V. The clock pulse width should be between 15
and 150 ns.
DEADTIME ADJUSTMENT
If the application requires a change in the minimum deadtime between the outputs, the circuits in Figure 14 are
recommended. Suggested values for the resistor and capacitor at each output are 500
Ω, and 100 pF,
respectively for a nominal 50 ns change. The diodes can be 1N4148, or similar.
Figure 14. Deadtime Adjustment
PC BOARD LAYOUT
The LM5033 current sense and PWM comparators are very fast, and as such will respond to short duration noise
pulses. Layout considerations are critical for the current sense filter. The components at pins 3, 8, 9, and 10
should be as physically close as possible to the IC, thereby minimizing noise pickup in the PC tracks.
If a current sense transformer is used both leads of the transformer secondary should be routed to the sense
filter components, and to the IC pins. The ground side of the transformer should be connected via a dedicated
PC board track to pin 7 of the IC rather than through the ground plane.
If the current sense circuit employs a sense resistor in the drive transistor sources, a low inductance resistor
should be used. In this case all the noise sensitive low power grounds should be connected in common near the
IC, and then a single connection made to the power ground (sense resistor ground point).
The outputs of the LM5033, or of the high voltage gate driver (if used), should have short direct paths to the
power MOSFETs in order to minimize the effects of inductance in the PC board traces.
If the internal dissipation of the LM5033 and any of the power devices produces high junction temperatures
during normal operation, good use of the PC board’s ground plane can help considerably to dissipate heat. The
exposed pad on the bottom of the WSON-10 package can be soldered to ground plane on the PC board, and the
ground plane should extend out from beneath the IC to help dissipate the heat. The exposed pad is internally
connected to the IC substrate.
Additionally, the use of wide PC board traces where possible can help conduct heat away from the IC. Judicious
positioning of the PC board within the end product, along with use of any available air flow (forced or natural
convection) can help reduce the junction temperatures.
12
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LM5033



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com