Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5033MMX/NOPB Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # LM5033MMX/NOPB
Description  100V Push-Pull Voltage Mode PWM Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5033MMX/NOPB Datasheet(HTML) 15 Page - Texas Instruments

Back Button LM5033MMX/NOPB Datasheet HTML 11Page - Texas Instruments LM5033MMX/NOPB Datasheet HTML 12Page - Texas Instruments LM5033MMX/NOPB Datasheet HTML 13Page - Texas Instruments LM5033MMX/NOPB Datasheet HTML 14Page - Texas Instruments LM5033MMX/NOPB Datasheet HTML 15Page - Texas Instruments LM5033MMX/NOPB Datasheet HTML 16Page - Texas Instruments LM5033MMX/NOPB Datasheet HTML 17Page - Texas Instruments LM5033MMX/NOPB Datasheet HTML 18Page - Texas Instruments LM5033MMX/NOPB Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
LM5033
www.ti.com
SNVS181B – APRIL 2004 – REVISED APRIL 2013
Table 1. Bill of Materials (for the circuit of Figure 17)
Item
Device
Package
Value
BR1
Schottky diode bridge, Diodes, Inc.
SOT-363
30V, 0.2A
BAT54BRW
C1-4
Capacitor
1812
6.8 µF, 50V
C5
Capacitor
0805
0.47 µF, 25V
C6
Capacitor
0805
0.047 µF, 25V
C7, 12, 16, 20-23
Capacitor
0805
0.1 µF, 16V
C8, 9
Capacitor
0805
470 pF, 50V
C10, 11
Capacitor
1210
22 µF, 16 V
C13
Capacitor
0805
2200 pF, 16V
C14
Capacitor
0805
0.022 µF. 16V
C15, 24
Capacitor
0805
100 pF, 16V
C17
Capacitor
1206
4.7 µF, 16V
C18
Capacitor
0805
0.01 µF, 16V
C19
Capacitor
0805
1000 pF, 16V
D1
Dual Schottky diode, Vishay
SOT-23
30V, 0.2A
BAT54C
D2-5
Dual diode, Central Semi
SOT-23
75V, 0.2A
CMPD2838
L1
Inductor, TDK RLF7030T-2R2M5R4
SMD
2.2 µH, 5.5A
L2
Inductor, TDK SPM12535T-
SMD
550 nH, 22A
R60M220
Q1, 2
N Channel MOSFET, Vishay
PowerPAK SO-8
80V, 12.5A
Si7852DP
Q3, 4
N Channel MOSFET, Vishay
PowerPAK SO-8
30V, 30A
Si7336DP
Q5
NPN 2N2222A Transistor
SOT-23
75V, 0.6A
Q6, 7
N Channel MOSFET, Zetex
SOT-23
30V, 2 A
ZXMN3A01
R1, 2
Resistor
1206
100 k
Ω, 1/4W
R3, 4
Resistor
2512
10
Ω, 1W
R5, 6
Resistor
0805
5.11
Ω
R7
Resistor
0805
5.49
Ω
R8
Resistor
0805
499
Ω
R9
Resistor
0805
16.5 k
Ω
R10, 24
Resistor
0805
20 k
Ω
R11
Resistor
0805
5.9 k
Ω
R12
Resistor
0805
12.4 k
Ω
R13, 17
Resistor
0805
10 k
Ω
R14
Resistor
0805
200 k
Ω
R15
Resistor
0805
221 k
Ω
R16
Resistor
0805
2.0 k
Ω
R18, 19
Resistor
0805
4.99 k
Ω
R20
Resistor
1206
110 k
Ω, 1W
R21
Resistor
0805
4.87 k
Ω
R22
Resistor
0805
3.57 k
Ω
R23
Resistor
0805
102 k
Ω
R25
Resistor
0805
30.1 k
Ω
R26
Resistor
0805
49.9
Ω
T1
Power Transformer, Coilcraft
Planar
B0853-A
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LM5033



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com