Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5033MMX/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM5033MMX/NOPB
Description  100V Push-Pull Voltage Mode PWM Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5033MMX/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LM5033MMX/NOPB Datasheet HTML 1Page - Texas Instruments LM5033MMX/NOPB Datasheet HTML 2Page - Texas Instruments LM5033MMX/NOPB Datasheet HTML 3Page - Texas Instruments LM5033MMX/NOPB Datasheet HTML 4Page - Texas Instruments LM5033MMX/NOPB Datasheet HTML 5Page - Texas Instruments LM5033MMX/NOPB Datasheet HTML 6Page - Texas Instruments LM5033MMX/NOPB Datasheet HTML 7Page - Texas Instruments LM5033MMX/NOPB Datasheet HTML 8Page - Texas Instruments LM5033MMX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
OUT2
GND
CS
RT/SYNC
1
2
3
4
5
6
7
8
9
10
REF
VCC
OUT1
VIN
COMP
SS
LM5033
www.ti.com
SNVS181B – APRIL 2004 – REVISED APRIL 2013
LM5033 100V Push-Pull Voltage Mode PWM Controller
Check for Samples: LM5033
1
FEATURES
PACKAGE
2
•
Internal High Voltage (100V) Start-Up
•
VSSOP-10
Regulator
•
WSON-10
•
Single Resistor Oscillator Setting
DESCRIPTION
•
Synchronizable
The LM5033 High Voltage PWM controller contains
•
Precision Reference Output
all the features needed to implement Push-Pull, Half-
•
Adjustable Soft-Start
Bridge,
and
Full-Bridge
topologies.
Applications
•
Over-Current Protection
include closed loop voltage mode converters with a
highly regulated output voltage, or an open loop "DC
•
Direct Optocoupler Interface
transformer" such as an Intermediate Bus Converter
•
1.5A Peak Gate Drivers
(IBC) with an efficiency >95%. Two alternating gate
•
Thermal Shutdown
driver outputs with a specified deadtime are provided.
The LM5033 includes a start-up regulator that
operates over a wide input range of 15V to 100V.
APPLICATIONS
Additional
features
include:
precision
voltage
•
Intermediate DC/DC Bus Converter
reference output, current limit detection, remote
•
Telecommunication Power Converters
shutdown, softstart, sync capability and thermal
shutdown. This high speed IC has total propagation
•
Industrial Power Converters
delays less than 100 ns and a 1MHz capable
•
+42V Automotive Systems
oscillator.
Connection Diagram
Figure 1. 10-Lead VSSOP, WSON
Package Number DGS0010A, DPR0010A
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM5033MMX/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5033MMX NSC-LM5033MMX Datasheet
712Kb / 17P
100V Push-Pull Voltage Mode PWM Controller
More results

Similar Description - LM5033MMX/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5030 NSC-LM5030 Datasheet
230Kb / 11P
100V Push-Pull Current Mode PWM Controller
LM5033 NSC-LM5033 Datasheet
295Kb / 16P
100V Push-Pull Voltage Mode PWM Controller
logo
Linear Integrated Syste...
LTC3721-1 LINEAR-LTC3721-1 Datasheet
180Kb / 16P
Push-Pull PWM Controller
logo
National Semiconductor ...
LM5030 NSC-LM5030_05 Datasheet
642Kb / 12P
100V Push-Pull Current Mode PWM Controller
LM5033 NSC-LM5033_05 Datasheet
712Kb / 17P
100V Push-Pull Voltage Mode PWM Controller
logo
MIC GROUP RECTIFIERS
MIC3808 MIC-MIC3808_11 Datasheet
150Kb / 11P
Push-Pull PWM Controller
logo
Texas Instruments
LM5030 TI1-LM5030_14 Datasheet
1,016Kb / 19P
100V Push-Pull Current Mode PWM Controller
LM5033 TI1-LM5033_14 Datasheet
1Mb / 23P
100V Push-Pull Voltage Mode PWM Controller
logo
Linear Technology
LTC3721-1 LINER-LTC3721-1_15 Datasheet
190Kb / 16P
Push-Pull PWM Controller
logo
Texas Instruments
LM5030 TI1-LM5030_15 Datasheet
1Mb / 28P
100V Push-Pull Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com