Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP621024E Datasheet(PDF) 13 Page - AMIC Technology

Part # LP621024E
Description  128K X 8 BIT CMOS SRAM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

LP621024E Datasheet(HTML) 13 Page - AMIC Technology

Back Button LP621024E Datasheet HTML 7Page - AMIC Technology LP621024E Datasheet HTML 8Page - AMIC Technology LP621024E Datasheet HTML 9Page - AMIC Technology LP621024E Datasheet HTML 10Page - AMIC Technology LP621024E Datasheet HTML 11Page - AMIC Technology LP621024E Datasheet HTML 12Page - AMIC Technology LP621024E Datasheet HTML 13Page - AMIC Technology LP621024E Datasheet HTML 14Page - AMIC Technology LP621024E Datasheet HTML 15Page - AMIC Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
LP621024E Series
(September, 2010, Version 1.0)
12
AMIC Technology, Corp.
Package Information
SOP (W.B.) 32L Outline Dimensions
unit: inches/mm
1
L
LE
16
See Detail F
Detail F
17
32
e1
e1
s
D
Seating Plane
y
e
b
Symbol
Dimensions in inches
Dimensions in mm
A
0.118 Max.
3.00 Max.
A1
0.004 Min.
0.10 Min.
A2
0.106±0.005
2.69±0.13
b
0.016 +0.004
0.41 +0.10
-0.002
-0.05
c
0.008 +0.004
0.20 +0.10
-0.002
-0.05
D
0.805 Typ. (0.820 Max.)
20.45 Typ. (20.83 Max.)
E
0.445±0.010
11.30±0.25
e
0.050 ±0.006
1.27±0.15
e1
0.525 NOM.
13.34 NOM.
HE
0.556±0.010
14.12±0.25
L
0.031±0.008
0.79±0.20
LE
0.055±0.008
1.40±0.20
S
0.044 Max.
1.12 Max.
y
0.004 Max.
0.10 Max.
θ
0
° ~ 10°
0
° ~ 10°
Notes:
1. The maximum value of dimension D includes end flash.
2. Dimension E does not include resin fins.
3. Dimension e1 is for PC Board surface mount pad pitch design
reference only.
4. Dimension S includes end flash.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com