Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP621024E Datasheet(PDF) 4 Page - AMIC Technology

Part # LP621024E
Description  128K X 8 BIT CMOS SRAM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

LP621024E Datasheet(HTML) 4 Page - AMIC Technology

  LP621024E Datasheet HTML 1Page - AMIC Technology LP621024E Datasheet HTML 2Page - AMIC Technology LP621024E Datasheet HTML 3Page - AMIC Technology LP621024E Datasheet HTML 4Page - AMIC Technology LP621024E Datasheet HTML 5Page - AMIC Technology LP621024E Datasheet HTML 6Page - AMIC Technology LP621024E Datasheet HTML 7Page - AMIC Technology LP621024E Datasheet HTML 8Page - AMIC Technology LP621024E Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
LP621024E Series
(September, 2010, Version 1.0)
3
AMIC Technology, Corp.
Recommended DC Operating Conditions
(TA = 0
°C to +70°C)
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
4.5
5.0
5.5
V
GND
Ground
0
0
0
V
VIH
Input High Voltage
2.2
3.5
VCC + 0.3
V
VIL
Input Low Voltage
-0.3
0
+0.8
V
CL
Output Load
-
-
30
pF
TTL
Output Load
-
-
1
-
Absolute Maximum Ratings*
VCC to GND ..............................................-0.5V to + 6.0V
IN, IN/OUT Volt to GND .................... -0.5V to VCC + 0.5V
Operating Temperature, Topr ..................... 0
°C to + 70°C
Storage Temperature, Tstg.................... -55
°C to + 125°C
Temperature Under Bias, Tbias............... -10
°C to + 85°C
Power Dissipation, PT ............................................. 0.7W
Soldering Temp. & Time ............................. 260
°C, 10 sec
*Comments
Stresses above those listed under "Absolute Maximum
Ratings" may cause permanent damage to this device.
These are stress ratings only. Functional operation of this
device at these or any other conditions above those
indicated in the operational sections of this specification is
not implied or intended. Exposure to the absolute maximum
rating conditions for extended periods may affect device
reliability.
DC Electrical Characteristics
(TA = 0
°C to +70°C, VCC = 5V ± 10%, GND = 0V)
Symbol
Parameter
LP621024E-55LL
LP621024E-70LL
Unit
Conditions
Min.
Max.
Min.
Max.
⎜ILI⎥
Input Leakage
Current
-
1
-
1
μA
VIN = GND to VCC
⎜ILO⎥
Output Leakage
Current
-
1
-
1
μA
CE1 = VIH or CE2 = VIL
or OE = VIH or WE = VIL
VI/O = GND to VCC
ICC
Active Power
Supply Current
-
15
-
15
mA
CE1 = VIL, CE2 = VIH
II/O = 0mA
ICC1
Dynamic
Operating
-
70
-
70
mA
Min. Cycle, Duty = 100%
CE1 = VIL, CE2 = VIH
II/O = 0mA
ICC2
Current
-
15
-
15
mA
CE1 = VIL, CE2 = VIH
VIH = VCC, VIL = 0V
f = 1MHZ, II/O = 0mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com