Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP621024E Datasheet(PDF) 1 Page - AMIC Technology

Part # LP621024E
Description  128K X 8 BIT CMOS SRAM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

LP621024E Datasheet(HTML) 1 Page - AMIC Technology

  LP621024E Datasheet HTML 1Page - AMIC Technology LP621024E Datasheet HTML 2Page - AMIC Technology LP621024E Datasheet HTML 3Page - AMIC Technology LP621024E Datasheet HTML 4Page - AMIC Technology LP621024E Datasheet HTML 5Page - AMIC Technology LP621024E Datasheet HTML 6Page - AMIC Technology LP621024E Datasheet HTML 7Page - AMIC Technology LP621024E Datasheet HTML 8Page - AMIC Technology LP621024E Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
LP621024E Series
128K X 8 BIT CMOS SRAM
(September, 2010, Version 1.0)
AMIC Technology, Corp.
Document Title
128K X 8 BIT CMOS SRAM
Revision History
Rev. No.
History
Issue Date
Remark
0.0
Initial issue
August 20, 2008
Preliminary
1.0
Final version release
September 21, 2010
Final


Similar Part No. - LP621024E

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
LP621024E-I AMICC-LP621024E-I Datasheet
173Kb / 15P
128K X 8 BIT CMOS SRAM
More results

Similar Description - LP621024E

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A617308 AMICC-A617308 Datasheet
201Kb / 13P
128K X 8 BIT HIGH SPEED CMOS SRAM
A627308 AMICC-A627308 Datasheet
250Kb / 16P
128K X 8 BIT CMOS SRAM
LP621024D-I AMICC-LP621024D-I Datasheet
192Kb / 17P
128K X 8 BIT CMOS SRAM
LP621024D-T AMICC-LP621024D-T Datasheet
184Kb / 16P
128K X 8 BIT CMOS SRAM
LP621024D AMICC-LP621024D Datasheet
183Kb / 16P
128K X 8 BIT CMOS SRAM
logo
List of Unclassifed Man...
UM621024 ETC1-UM621024 Datasheet
37Kb / 1P
128K x 8 CMOS SRAM
logo
AMIC Technology
LP621024D AMICC-LP621024D_15 Datasheet
227Kb / 16P
128K X 8 BIT CMOS SRAM
LP621024D-I AMICC-LP621024D-I_15 Datasheet
180Kb / 16P
128K X 8 BIT CMOS SRAM
LP621024D-T AMICC-LP621024D-T_15 Datasheet
227Kb / 16P
128K X 8 BIT CMOS SRAM
LP621024E-I AMICC-LP621024E-I Datasheet
173Kb / 15P
128K X 8 BIT CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com