Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP621024E Datasheet(PDF) 2 Page - AMIC Technology

Part # LP621024E
Description  128K X 8 BIT CMOS SRAM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

LP621024E Datasheet(HTML) 2 Page - AMIC Technology

  LP621024E Datasheet HTML 1Page - AMIC Technology LP621024E Datasheet HTML 2Page - AMIC Technology LP621024E Datasheet HTML 3Page - AMIC Technology LP621024E Datasheet HTML 4Page - AMIC Technology LP621024E Datasheet HTML 5Page - AMIC Technology LP621024E Datasheet HTML 6Page - AMIC Technology LP621024E Datasheet HTML 7Page - AMIC Technology LP621024E Datasheet HTML 8Page - AMIC Technology LP621024E Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
LP621024E Series
128K X 8 BIT CMOS SRAM
(September, 2010, Version 1.0)
1
AMIC Technology, Corp.
Features
General Description
Single +5V power supply
Access times: 55/70 ns (max.)
Current:
Very low power version: Operating: 70mA (max.)
Standby:
25
μA (max.)
Full static operation, no clock or refreshing required
All inputs and outputs are directly TTL-compatible
Common I/O using three-state output
Output enable and two chip enable inputs for easy
application
Data retention voltage: 2V (min.)
Available
in
32-pin
SOP,
TSOP
and
TSSOP
(8 X 13.4mm) packages
Pb-Free package only
All Pb-free (Lead-free) products are RoHS compliant
The LP621024E is a low operating current 1,048,576-bit
static random access memory organized as 131,072 words
by 8 bits and operates on a single 5V power supply.
Inputs and three-state outputs are TTL compatible and
allow for direct interfacing with common system bus
structures.
Two chip enable inputs are provided for POWER-DOWN
and device enable and an output enable input is included
for easy interfacing.
Data retention is guaranteed at a power supply voltage as
low as 2V.
Product Family
Power Dissipation
Product Family
Operating
Temperature
VCC
Range
Speed
Data Retention
(ICCDR, Typ.)
Standby
(ISB1, Typ.)
Operating
(ICC2, Typ.)
Package Type
LP621024E
0
°C ~ +70°C
4.5V~5.5V
55ns / 70ns
0.5
μA
2
μA
10mA
32L SOP
/TSOP/TSSOP
1. Typical values are measured at VCC = 5.0V, TA = 25
°C and not 100% tested.
2. Data retention current VCC = 2.0V.
Pin Configurations
SOP
TSOP/(TSSOP)
NC
A16
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
I/O1
I/O2
I/O3
I/O4
GND
I/O5
I/O6
I/O7
I/O8
A10
A9
A8
A13
CE2
A15
VCC
A11
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
OE
CE1
WE
1
16
17
32
Pin No.
Pin
Name
Pin No.
Pin
Name
12
A9
3
4
5
6
7
8
9
10
11
12
13
14
30
29
28
27
26
25
24
22
19
21
20
23
18
17
A8
A13
CE2
A15
VCC
NC
I/O8
A16
A14
A12
A7
A6
A3
A2
A1
A0
I/O1
I/O2
GND
I/O4
I/O5
I/O6
I/O7
I/O3
A11
WE
CE1
15
16
31
32
A5
A4
A10
OE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com