Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AND671WGST-LED Datasheet(PDF) 1 Page - Purdy Electronics Corporation

Part # AND671WGST-LED
Description  Intelligent Character Display
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PURDY [Purdy Electronics Corporation]
Direct Link  http://www.purdyelectronics.com
Logo PURDY - Purdy Electronics Corporation

AND671WGST-LED Datasheet(HTML) 1 Page - Purdy Electronics Corporation

  AND671WGST-LED Datasheet HTML 1Page - Purdy Electronics Corporation AND671WGST-LED Datasheet HTML 2Page - Purdy Electronics Corporation AND671WGST-LED Datasheet HTML 3Page - Purdy Electronics Corporation AND671WGST-LED Datasheet HTML 4Page - Purdy Electronics Corporation AND671WGST-LED Datasheet HTML 5Page - Purdy Electronics Corporation AND671WGST-LED Datasheet HTML 6Page - Purdy Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Displays
Purdy Electronics Corporation • 720 Palomar Avenue • Sunnyvale, CA 94085
Tel: 408-523-8200 • Fax: 408-733-1287 • sales@purdyelectronics.com •
www.purdyelectronics.com
6/20/11
1
AND671WGST-LED
Intelligent Character Display
AND671WGST-LED
Intelligent Character Display
The AND4671WGST-LED is an STN Positive Graye liquid crystal
display. It has a transflective rear polarizer, white LED backlight, 12 o-clock
viewing angle and a wide temperature range with a 3.3V single supply volt-
age.
Features
• STN Positive Gray
• Transflective Rear Polarizer
• White LED Backlight
• 12 O’clock Viewing Direction
• Wide Temperature Range, 3.3V, Single Supply Voltage
• Silver Frame
• ROHS Compliant
Electrical Absolute Maximum Ratings
Item
Symbol
Min.
Typ.
Max.
Unit
Power Supply for Logic
VDD - VSS
-0.3
–
7.0
V
Power Supply for LCD
VDD - VSS
-0.3
–
10.0
V
Input VOltage
VI
-0.3
–
VDD
V
LED Power Dissipation
PAD
–
–
90
mW
LED Forward Current
IAF
–
–
24
mA
LED Reverse Voltage
VR
–
–
5
V
Product specifications contained herein may be changed without prior notice.
It is therefore advisable to contact Purdy Electronics before proceeding with the design of equipment incorporating this product.
Mechanical Characteristics
Item
Standard Value
Unit
Module Size
80.0 (W) x 36.0 (H) x 8.8.0 (12.7) (D) (max.)
mm
Viewing Area
65.0 (W) x 16.0 (H)
mm
Dot Size
0.56 (W) x 0.66 (H)
mm
Dot Pitch
0.60 (W) x 0.70 (H)
mm
Display Format
16 characters (W) x 2 lines (H)
–
Duty Ratio
1/16 Duty
–
Controller
ST7066U or equivalent
–


Similar Part No. - AND671WGST-LED

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AND671GST ETC2-AND671GST Datasheet
40Kb / 2P
1 Line x 16 Characters Intelligent Character Display
AND671GST ETC2-AND671GST Datasheet
97Kb / 3P
Color Displays - (Prototype Kits Available for All Displays)
AND671GST-LED ETC2-AND671GST-LED Datasheet
40Kb / 2P
1 Line x 16 Characters Intelligent Character Display
logo
Purdy Electronics Corpo...
AND671GST-LED PURDY-AND671GST-LED Datasheet
396Kb / 4P
Liquid Crystal Displays
AND671GST-LED PURDY-AND671GST-LED Datasheet
396Kb / 4P
Liquid Crystal Displays
More results

Similar Description - AND671WGST-LED

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AND671GST ETC2-AND671GST Datasheet
40Kb / 2P
1 Line x 16 Characters Intelligent Character Display
AND491GST ETC2-AND491GST Datasheet
40Kb / 2P
Intelligent Character Display
logo
Purdy Electronics Corpo...
AND471GST PURDY-AND471GST Datasheet
72Kb / 2P
Intelligent Character Display
AND481GST PURDY-AND481GST Datasheet
163Kb / 2P
Intelligent Character Display
AND721GST PURDY-AND721GST Datasheet
115Kb / 2P
Intelligent Character Display
AND731GST PURDY-AND731GST Datasheet
143Kb / 2P
Intelligent Character Display
AND771GST PURDY-AND771GST Datasheet
92Kb / 3P
Intelligent Character Display
AND791GST PURDY-AND791GST Datasheet
151Kb / 3P
Intelligent Character Display
AND491GST3-3V-W-LED PURDY-AND491GST3-3V-W-LED Datasheet
402Kb / 4P
Intelligent Character Display
AND002004B-OLED PURDY-AND002004B-OLED Datasheet
265Kb / 3P
Intelligent Character Display
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com