Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AND671WGST-LED Datasheet(PDF) 5 Page - Purdy Electronics Corporation

Part # AND671WGST-LED
Description  Intelligent Character Display
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PURDY [Purdy Electronics Corporation]
Direct Link  http://www.purdyelectronics.com
Logo PURDY - Purdy Electronics Corporation

AND671WGST-LED Datasheet(HTML) 5 Page - Purdy Electronics Corporation

  AND671WGST-LED Datasheet HTML 1Page - Purdy Electronics Corporation AND671WGST-LED Datasheet HTML 2Page - Purdy Electronics Corporation AND671WGST-LED Datasheet HTML 3Page - Purdy Electronics Corporation AND671WGST-LED Datasheet HTML 4Page - Purdy Electronics Corporation AND671WGST-LED Datasheet HTML 5Page - Purdy Electronics Corporation AND671WGST-LED Datasheet HTML 6Page - Purdy Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Displays
Purdy Electronics Corporation • 720 Palomar Avenue • Sunnyvale, CA 94085
Tel: 408-523-8200 • Fax: 408-733-1287 • sales@purdyelectronics.com •
www.purdyelectronics.com
6/20/11
5
Timing Characteristics (Ta = 25 ºC, VCC = 2.7V)
Symbol
Characteristics
Test Condition
Specifications
Units
Min.
Typ.
Max.
Internal Clock Operation
f
OSC
ff
OSC Frequency
R = 75KΩ
190
270
350
KHz
External Clock Operation
f
EX
External Frequency
–
125
270
410
KHz
Duty Cycle
–
45
50
55
%
T
R, TF
Rise/Fall Time
–
–
–
0.2
μ
s
Write Mode (Writing data from MPU to ST7066U)
T
C
Enable Cycle Time
Pin E
1200
–
–
ns
T
PW
Enable Plus Time
Pin E
460
–
–
ns
T
R, TF
Enable Rise/Fall Time
Pin E
–
–
25
ns
T
AS
TT
Address Setup Time
Pins RS, RW, E
0
–
–
ns
T
AH
TT
Address Hold Time
Pins RS, RW, E
10
–
–
ns
T
DSW
Data Setup Time
Pins: DB0 - DB7
80
–
–
ns
T
H
Data Hold Time
Pins: DB0 - DB7
10
–
–
ns
Read Mode (Reading Data from ST7066U to MPU)
T
C
Enable Cycle Time
Pin E
1200
–
–
ns
T
PW
Enable Pulse Width
Pin E
480
–
–
ns
T
R, TF
Enable Rise/Fall Time
Pin E
–
–
25
ns
T
AS
TT
Address Setup Time
Pins: RS, RW, E
0
–
–
ns
T
AH
TT
Address Hold Time
Pins: RS, RW, E
10
–
–
ns
T
DOR
Data Setup Time
Pins: DB0 - DB&
–
–
320
ns
T
H
Data Hold Time
Pins: DB0 - DB7
10
–
–
ns



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com