Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AND671WGST-LED Datasheet(PDF) 2 Page - Purdy Electronics Corporation

Part # AND671WGST-LED
Description  Intelligent Character Display
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PURDY [Purdy Electronics Corporation]
Direct Link  http://www.purdyelectronics.com
Logo PURDY - Purdy Electronics Corporation

AND671WGST-LED Datasheet(HTML) 2 Page - Purdy Electronics Corporation

  AND671WGST-LED Datasheet HTML 1Page - Purdy Electronics Corporation AND671WGST-LED Datasheet HTML 2Page - Purdy Electronics Corporation AND671WGST-LED Datasheet HTML 3Page - Purdy Electronics Corporation AND671WGST-LED Datasheet HTML 4Page - Purdy Electronics Corporation AND671WGST-LED Datasheet HTML 5Page - Purdy Electronics Corporation AND671WGST-LED Datasheet HTML 6Page - Purdy Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Displays
Purdy Electronics Corporation • 720 Palomar Avenue • Sunnyvale, CA 94085
Tel: 408-523-8200 • Fax: 408-733-1287 • sales@purdyelectronics.com •
www.purdyelectronics.com
6/20/11
2
Optical Specifications (Ta = 25 ºC)
Item
Symbol
Remarks
Min.
Specifications
Typ.
Max.
Units
Viewing Angle
Φ
f (12 o’clock)
When CR ≥ 1.4
–
20
–
deg
Φ
b (6 o’clock)
–
40
–
Φ
l (9 o’clock)
–
30
–
Φ
r (3 o’clock)
–
30
–
Rise Time
Tr
VDD-VO = 3.3 V
Ta = 25ºC
–
200
–
mS
Fall Time
Tf
–
250
–
Frame Frequency
Frm
–
64
–
Hz
Contrast
Cr
–
3.0
–
–
Brightness of Backlight
L
IF = 20 mA
120
180
–
cd/m2
Peak Emission Wavelength
λ
P
x = 0.29
y = 0.30
x = 0.31
y = 0.32
x = 0.33
y = 0.34
nm
Environmental Absolute Maximum Ratings
Item
Wide Temperature
Operating
Storage
Min.
Max.
Min.
Max.
Ambient Temperature
-20 ºC
+70 ºC
-30 ºC
+80ºC
Humidity (without condensation)
Note 4, 5
Note 4,6
Note 4: Background color changes slightly depending on ambient temperature. This phenomenon is reversible.
Note 5: Ta ≤ 70ºC: 75 RH max; Ta > 70ºC: absolute humidity must be lower than the humidity of 75% RH at 70ºC.
Note 6: Ta at -30ºC will be <48 hrs, at 80ºC will be < 120 hrs when humidity is higher than 75%.
AND671WGST-LED
Intelligent Character Display
Electrical Characteristics
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Power Supply for Logic
VDD - VSS
–
2.7
3.3
4.5
V
Input Voltage
VIL
L Level
0
–-
0.6
V
VIH
H Level
2.2
—
VDD
V
LCM Recommend LCD Module
Driving Voltage
VDD-VO
Ta = 0ºC
—
—
—
V
Ta=25ºC
2.7
3.3
4.5
Ta=50ºC
—
—
—
Power Supply Current for LCM
IDD
VDD = 3.3V, VDD-V0=3.3V
—
2.0
3.0
mA
LED Forward Voltage
VF
iF = 20 mA
—
3.4
3.6
V
LED Frward Current
IF
—
—
20
—
mA
LED Reverse Voltage
IR
VR=5V
—
—
0.2
mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com