Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AND671WGST-LED Datasheet(PDF) 3 Page - Purdy Electronics Corporation

Part # AND671WGST-LED
Description  Intelligent Character Display
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PURDY [Purdy Electronics Corporation]
Direct Link  http://www.purdyelectronics.com
Logo PURDY - Purdy Electronics Corporation

AND671WGST-LED Datasheet(HTML) 3 Page - Purdy Electronics Corporation

  AND671WGST-LED Datasheet HTML 1Page - Purdy Electronics Corporation AND671WGST-LED Datasheet HTML 2Page - Purdy Electronics Corporation AND671WGST-LED Datasheet HTML 3Page - Purdy Electronics Corporation AND671WGST-LED Datasheet HTML 4Page - Purdy Electronics Corporation AND671WGST-LED Datasheet HTML 5Page - Purdy Electronics Corporation AND671WGST-LED Datasheet HTML 6Page - Purdy Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Displays
Purdy Electronics Corporation • 720 Palomar Avenue • Sunnyvale, CA 94085
Tel: 408-523-8200 • Fax: 408-733-1287 • sales@purdyelectronics.com •
www.purdyelectronics.com
6/20/11
3
Interface Pin Assignment
Pin No. Pin Out
Level
Function Description
Pin No Pin Out Level
Function Description
1
VSS
0V
Power Supply Ground
9
DB2
H/L
Data Bit 2
2
VDD
3.3V
Power Supply Voltage
10
DB3
H/L
Data Bit 3
3
V0
—
Contrast Adjustment
11
DB4
H/L
Data Bit 4
4
RS
H/L
Register Select
12
DB5
H/L
Data Bit 5
5
R/W
H/L
Read/ Write
13
DB6
H/L
Data Bit 6
6
E
H, H —>L Enable Signal
14
DB7
H/L
Data Bit 7
7
DB0
H/L
Data Bit 0
15
A
3.5V
LED Power Supply (+)
8
DB1
H/L
Data Bit 1
16
K
0V
LED Power Supply (-)
Block Diagram
AND671WGST-LED
Intelligent Character Display
Power Supply



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com