Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX8940IP Datasheet(PDF) 3 Page - Microsemi Corporation

Part # LX8940IP
Description  5V LOW DROPOUT REGULATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX8940IP Datasheet(HTML) 3 Page - Microsemi Corporation

  LX8940IP Datasheet HTML 1Page - Microsemi Corporation LX8940IP Datasheet HTML 2Page - Microsemi Corporation LX8940IP Datasheet HTML 3Page - Microsemi Corporation LX8940IP Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
5V L OW D ROPOUT R EGULA T O R
LX8940
PRODUCT DA T ABOOK 1996/1997
3
Copyright © 1999
Rev. 1.3
3/99
P RODUCTION D AT A S HEET
Input Voltage
V
IN
Load Current (with adequate heatsinking)
Maximum Line Transient (Load Dump), V
O ≤ 5.5V
Input Capacitor (V
IN to GND)
Output Capacitor with ESR of 10
Ω max., (V
OUT to GND & VSB to GND)
RECOMMENDED OPERA TING CONDITIONS
Parameter
Symbol
Units
Recommended Operating Conditions
Min.
Typ.
Max.
Note 2
26
V
5
1000
mA
60
V
0.1
µF
10
µF
Note 2. V
IN (MIN)
= 1.2
∆V
(MAX)
. See Dropout Voltage maximum limit.
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, these specifications apply over the operating ambient temperatures of -40°C to +125°C for LX8940IP, and 0°C to +125°C
for LX8940CP; V
IN = 10V, IO = 1A, COUT = 22µF, and are for DC characteristics only.
(Low duty cycle pulse testing techniques are used which maintains
junction and case temperatures equal to the ambient temperature.)
Parameter
Symbol
Test Conditions
Units
Output Voltage
V
O
I
O = 0A, TA = 25°C
Line Regulation
∆V
OI
7V
≤ V
IN ≤ 26V, IO = 5mA
Load Regulation
∆V
OL
50mA
≤ I
O ≤ 1A
Output Impedance (Note 3)
r
O
100mA
DC and 20mARMS, fO = 120Hz
Quiescent Current
I
Q
I
O ≤ 5mA, 7 ≤ VIN ≤ 26V
I
O = 500mA
I
O = 1000mA
Output Noise Voltage (Note 3)
V
O RMS
10Hz - 100kHz, I
O = 5mA
Long Term Stability (Note 3)
Ripple Rejection (Note 3)
R
R
f
O = 120Hz, 1VRMS, IO = 100mA
Dropout Voltage
∆VI
O = 100mA
I
O = 500mA
I
O = 1A
Current Limit
I
CL
V
IN = 26V
Maximum Operational Input Voltage
V
IN (MAX)
Maximum Line Transient
V
IN (TR)
R
O = 100Ω, T ≤ 100ms
4.85
5
5.15
V
150
mV
10
50
mV
200
m
Ω
315
mA
30
50
mA
115
180
mA
150
µV
RMS
20
mV/1000hr
66
dB
150
300
mV
275
500
mV
400
800
mV
1
1.2
A
26
31
V
60
V
LX8940
Min.
Typ.
Max.
Note 3. These parameters, although guaranteed, are not tested in production.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com