Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX8940IP Datasheet(PDF) 2 Page - Microsemi Corporation

Part # LX8940IP
Description  5V LOW DROPOUT REGULATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX8940IP Datasheet(HTML) 2 Page - Microsemi Corporation

  LX8940IP Datasheet HTML 1Page - Microsemi Corporation LX8940IP Datasheet HTML 2Page - Microsemi Corporation LX8940IP Datasheet HTML 3Page - Microsemi Corporation LX8940IP Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
5V L OW D ROPOUT R EGULA T O R
LX8940
PRODUCT DA T ABOOK 1996/1997
Copyright © 1999
Rev. 1.3
3/99
2
P RODUCTION D ATA S HEET
ABSOLUTE MAXIMUM RATINGS
(Note 1)
Input Voltage (V
IN) .......................................................................................... -15V to 26V
Operating Junction Temperature
Plastic (P Package) ................................................................................................ 150°C
Storage Temperature Range ...................................................................... -65°C to 150°C
Lead Temperature (Soldering, 10 seconds) ............................................................. 300°C
PACKAGE PIN OUTS
P PACKAGE
(Top View)
Note 1. Exceeding these ratings could cause damage to the device. All voltages are with respect
to Ground. Currents are positive into, negative out of the specified terminal. Pin
numbers refer to DIL packages only.
P PACKAGE:
THERMAL RESISTANCE-JUNCTION TO TAB,
θθθθθ
JT
3.0°C/W
THERMAL RESISTANCE-JUNCTION TO AMBIENT,
θθθθθ
JA
60°C/W
Junction Temperature Calculation: T
J = TA + (PD x θJA).
The
θ
JA numbers are guidelines for the thermal performance of the device/pc-board system.
All of the above assume no ambient airflow.
THERMAL DATA
BLOCK DIAGRAM
* Required if regulator is located far from power supply filter.
C2
10µF
INPUT VOLTAGE
LX8940
1 (INPUT)
3 (OUTPUT)
2 (GND)
C1*
0.1µF
OVERVOLTAGE
THERMAL
SHUTDOWN
REGULATOR
BIAS
1.23V
REFERENCE
OUTPUT VOLTAGE
Tab is GROUND
OUTPUT
GND
INPUT
3
2
1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com