Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX8940IP Datasheet(PDF) 1 Page - Microsemi Corporation

Part # LX8940IP
Description  5V LOW DROPOUT REGULATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX8940IP Datasheet(HTML) 1 Page - Microsemi Corporation

  LX8940IP Datasheet HTML 1Page - Microsemi Corporation LX8940IP Datasheet HTML 2Page - Microsemi Corporation LX8940IP Datasheet HTML 3Page - Microsemi Corporation LX8940IP Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DESCRIPTION
KEY FEA TURES
s
s
s
s
s 2% Internally Trimmed Output
s
s
s
s
s Output Current In Excess Of 1A
s
s
s
s
s Input-Output Differential
Less Than 0.4V At 1A
p Reverse Battery Protection
p 60V Load Dump Protection
p -50V Reverse Transient Protection
p Short Circuit Protection
p Internal Thermal Overload Protection
p Available In 3-Lead Plastic TO-220
p Drops In Most lM2940 Sockets
The LX8940 is a 5V, low dropout, low
quiescent current regulator rated for 1A
of output current. It can regulate with
as low as 0.4V headroom between the
input and output voltages, thus
minimizing power dissipation. In
addition, it can be used in applications
where worst case supplies require a
low input-output differential to maintain
regulation. This feature makes it ideal
for computer monitors that have to
comply with energy-efficient / "Green
PC" programs, where the input voltage
drops to only a few tenths of a volt
above the output when power supply
enters sleep-mode operation.
PRODUCT HIGHLIGHT
T
A (°C)
Plastic TO-220
3-pin
0 to 125
LX8940CP
-40 to 125
LX8940IP
P
LX8940
OUT
IN
GND
10µF
0.1µF
5V/100mA
5.3V
DROPOUT VOLTAGE VS . OUTPUT CURRENT
VS
. TEMPERATURE
L OAD T RANSIENT R ESPONSE
100
0
Output Current - (mA)
600
200
100
500
1000
400
500
300
125°C
25°C
-40°C
Time - (20µs/Div.)
0mA
T
A = 25°C
C
IN = 1µF
V
IN = 5.30V
5.000V
C
O = 47µF Electrolytic
100mA
4.980V
APPLICA TIONS
s Small Headroom Battery Applications
s High Efficiency Linear Regulators
s Post Regulators For Switching Power
Supplies
s Green PC Monitor Applications
5V L OW D ROPOUT R EGULA T O R
P RODUCTION D AT A S HEET
T HE
I NFINITE
P OWER
OF
I NNOV A TION
LX8940
LIN D OC #: 8940
PACKAGE ORDER INFO
Copyright © 1999
Rev. 1.3
3/99
1
11861 WESTERN AVENUE, GARDEN GROVE, CA. 92841, 714-898-8121, FAX: 714-893-2570
L IN F INITY M ICROELECTRONICS I NC .
NOTE: For current data & package dimensions, visit our web site: http://www.linfinity.com.


Similar Part No. - LX8940IP

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8940IP MICROSEMI-LX8940IP Datasheet
211Kb / 6P
5V Low Dropout Regulator
LX8940IP-TR MICROSEMI-LX8940IP-TR Datasheet
211Kb / 6P
5V Low Dropout Regulator
More results

Similar Description - LX8940IP

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS8135 CHERRY-CS8135 Datasheet
180Kb / 8P
5V, 5V Low Dropout Dual Regulator with /ENABLE RESET
Rev. 10/21/97
CS8221 CHERRY-CS8221 Datasheet
149Kb / 6P
Micropower 5V, 100mA Low Dropout Linear Regulator
CS8321 CHERRY-CS8321 Datasheet
164Kb / 6P
Micropower 5V, 150mA Low Dropout Linear Regulator
logo
Maxim Integrated Produc...
MAX667 MAXIM-MAX667 Datasheet
78Kb / 8P
5V/Programmable Low-Dropout Voltage Regulator
Rev 3; 10/94
logo
Global Mixed-mode Techn...
G9105 GMT-G9105 Datasheet
404Kb / 9P
5V 1A Low Dropout Regulator with Enable
logo
Maxim Integrated Produc...
MAX667 MAXIM-MAX667_08 Datasheet
163Kb / 9P
5V/Programmable Low-Dropout Voltage Regulator
Rev 4; 9/08
logo
Microsemi Corporation
LX8940 MICROSEMI-LX8940_05 Datasheet
211Kb / 6P
5V Low Dropout Regulator
logo
ON Semiconductor
CS8164 ONSEMI-CS8164 Datasheet
83Kb / 8P
8V/5V Low Dropout Dual Regulator
December, 2001 - Rev. 4
logo
Global Mixed-mode Techn...
G98MXX GMT-G98MXX Datasheet
77Kb / 1P
5V~12V 1A Low Dropout Regulator
logo
First Components Intern...
FGM78R05 FCI-FGM78R05 Datasheet
206Kb / 7P
1A / 5V Output low dropout voltage regulator;
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com