Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX8940IP Datasheet(PDF) 4 Page - Microsemi Corporation

Part # LX8940IP
Description  5V LOW DROPOUT REGULATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX8940IP Datasheet(HTML) 4 Page - Microsemi Corporation

  LX8940IP Datasheet HTML 1Page - Microsemi Corporation LX8940IP Datasheet HTML 2Page - Microsemi Corporation LX8940IP Datasheet HTML 3Page - Microsemi Corporation LX8940IP Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
5V L OW D ROPOUT R EGULA T O R
LX8940
PRODUCT DA T ABOOK 1996/1997
Copyright © 1999
Rev. 1.3
3/99
4
P RODUCTION D ATA S HEET
APPLICA TION NOTES
The advantages of using a low-dropout regulator such as the
LX8940 is the need for less “headroom” for full regulation, and the
inherent reverse polarity protection provided by the PNP output
device. A typical NPN regulator design requires an input to output
differential of approximately two volts minimum. This is due to
the 2Vbe + Vcesat of the NPN Darlington used in the output,
coupled with the voltage drop across the current limit resistor. In
contrast, the “PNP Regulator” uses a single series pass transistor
with its single Vcesat, thus the lower input to output voltage
differential or dropout voltage.
In some applications the regulator output voltage is used not
only as a power supply but also as a voltage reference for control
systems. In such cases not just the temperature stability of the
output is important but also the initial accuracy. LX8940 fills this
need as the internal bandgap reference is trimmed allowing a
typical output voltage tolerance of ±1%.
EXTERNAL CAPACITORS
To stabilize the outputs and prevent oscillation (perhaps by many
volts) external capacitors are required. The minimum recom-
mended value for the output capacitors is 10µF, although the
actual size and type will likely vary according to the particular
application, e.g., operating temperature range and load. Another
consideration is the effective series resistance (ESR) of the
capacitor.
Capacitor ESR will vary by manufacturer.
Conse-
quently, some evaluation may be required to determine the
minimum value of the output capacitors. Generally worst case
occurs at the maximum load and minimum ambient temperature.
The size of the output capacitor can be increased to any value
above the minimum. One possible advantage of this would be to
maintain the output voltage during brief periods of negative input
transients
The output capacitors chosen should be rated for the full range
of ambient temperature over which the circuit will be exposed and
expected to operate. For example, many aluminum type electro-
lytic capacitors change values at cold temperatures. The effective
capacitance is reduced and regulator stability is effected. Tanta-
lum capacitors are a good choice for these types of environments.
OUTPUT PROTECTION
The output features fault protection against overvoltage as well as
a thermal shutdown feature. If the input voltage rises above 33V
(load dump), the output shuts down automatically. The internal
circuitry is thus protected and the IC is able to survive higher
voltage transients than might otherwise be expected. The thermal
shutdown output effectively guards against overheating of the die
and protects the device from being damaged.
PRODUCTION DATA - Information contained in this document is proprietary to Lin Finity, and is current as of publication date. This document
may not be modified in any way without the express written consent of LinFinity. Product processing does not necessarily include testing of
all parameters. Linfinity reserves the right to change the configuration and performance of the product and to discontinue product at any time.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com