Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MWS11 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # MWS11
Description  InGaP HBT Gain Block
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MWS11 Datasheet(HTML) 3 Page - Microsemi Corporation

  MWS11 Datasheet HTML 1Page - Microsemi Corporation MWS11 Datasheet HTML 2Page - Microsemi Corporation MWS11 Datasheet HTML 3Page - Microsemi Corporation MWS11 Datasheet HTML 4Page - Microsemi Corporation MWS11 Datasheet HTML 5Page - Microsemi Corporation MWS11 Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
C
C O
O N
N F
F II D
D E
E N
N T
T II A
A L
L
Microsemi
11861 Western Avenue, Garden Grove, CA. 92841. Tel: (714) 898-8121
Page 3
Copyright
© 2000
Rev. 0.2,2000-12-15
MWS11-GB11-xx
InGaP HBT Gain Block
PREVIEW
A
M I CROSEM I
COM P A N Y
 
  

Unless otherwise specified, the following specifications apply over the operating ambient temperature -40
°C
≤ T
A
≤ +85°C except where
otherwise noted. Test conditions: [Enter Test Conditions Here]
MWS11-GB11-xx
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
 POWER SUPPLY
Application Frequency Range
f
DC
6
GHz
Linear Output Power
P1dB
f=2GHz
16
19
dBm
Output 3
rd Order Intermod
Product*
IP3
34
dBm
Small-Signal Gain
G
f=1 GHz
13
16
dB
Noise Figure
NF
f=1.5 GHz
3.3
3.5
4
dB
Supply Voltage
VCC
4.6
5
V
Supply Current
20
60
mA
 OVERALL
Frequency Range
T=25°C, VD=5.5V, ICC=70mA
DC to
>6000
MHz
1dB Bandwidth
5.5
GHz
Freq = 100MHz
11.3
dB
Freq = 1000MHz
11.3
dB
Freq = 2000MHz
10.2
11.4
dB
Freq = 3000MHz
11.5
dB
Freq = 4000MHz
11.5
dB
Gain
Freq = 6000MHz
9.9
dB
Gain Flatness
100MHz to 2000MHz
0.05
dB
Noise Figure
Freq = 1000MHz
7.6
dB
      
<1.8:1
Input VSWR
      
<2.5:1
      
<1.8:1
Output VSWR
      
<2.5:1
Output IP3
Freq = 1000MHz
34.5
dBm
Output P1dB
Freq = 1000MHz
18.5
dBm
Reverse Isolation
Freq = 1000MHz
16.5
dB
 THERMAL
Maximum Measured Junction
Temp at DC Bias Conditions
TA = +85°C
142
°C
TA = +85°C
1.4x10
3
Years
†
TA = +25°C
3.4x10
5
Years
†
Mean Time Between Failures
TA = -40°C
1.8x10
9
Years
†
* Output power at 1dB gain compression point, f=1 GHz
†
In accordance with Manufacturer design



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com