Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MWS11 Datasheet(PDF) 5 Page - Microsemi Corporation

Part # MWS11
Description  InGaP HBT Gain Block
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MWS11 Datasheet(HTML) 5 Page - Microsemi Corporation

  MWS11 Datasheet HTML 1Page - Microsemi Corporation MWS11 Datasheet HTML 2Page - Microsemi Corporation MWS11 Datasheet HTML 3Page - Microsemi Corporation MWS11 Datasheet HTML 4Page - Microsemi Corporation MWS11 Datasheet HTML 5Page - Microsemi Corporation MWS11 Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
C
C O
O N
N F
F II D
D E
E N
N T
T II A
A L
L
Microsemi
11861 Western Avenue, Garden Grove, CA. 92841. Tel: (714) 898-8121
Page 5
Copyright
© 2000
Rev. 0.2,2000-12-15
MWS11-GB11-xx
InGaP HBT Gain Block
PREVIEW
A
M I CROSEM I
COM P A N Y


PK
3-Pin Plastic TO-89
G
A
K
H
F
B
J
C
E
D
I
Note:
1. Dimensions do not include mold flash or protrusions;
these shall not exceed 0.155mm(.006”) on any side.
Lead dimension shall not include solder coverage.
MILLIMETERS
INCHES
Dim
MIN
MAX
MIN
MAX
A
4.30
4.70
0.169
0.185
B
2.30
2.70
0.090
0.106
C
1.30
1.70
0.051
0.066
D
0.35
0.45
0.013
0.017
E
0.35
0.50
0.013
0.019
F
0.30
0.50
0.011
0.019
G
1.50 BSC
0.059 BSC
H
0.40
0.60
0.015
0.023
I
0.50
0.50
0.019
0.019
J
3.90
4.30
0.153
0.169
K
1.55
1.75
0.061
0.068



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com