Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MWS11 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # MWS11
Description  InGaP HBT Gain Block
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MWS11 Datasheet(HTML) 1 Page - Microsemi Corporation

  MWS11 Datasheet HTML 1Page - Microsemi Corporation MWS11 Datasheet HTML 2Page - Microsemi Corporation MWS11 Datasheet HTML 3Page - Microsemi Corporation MWS11 Datasheet HTML 4Page - Microsemi Corporation MWS11 Datasheet HTML 5Page - Microsemi Corporation MWS11 Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
C
C O
O N
N F
F II D
D E
E N
N T
T II A
A L
L
Microsemi
11861 Western Avenue, Garden Grove, CA. 92841. Tel: (714) 898-8121
Page 1
Copyright
© 2000
Rev. 0.2,2000-12-15
MWS11-GB11-xx
InGaP HBT Gain Block
PREVIEW
A
M I CROSEM I
COM P A N Y


This general purpose amplifier is a low
cost, broadband RFIC manufactured with
an InGaP/GaAs Heterojunction Bipolar
Transistor
(HBT)
process
(MOCVD).
This RFIC amplifier was designed as an
easily cascadable 50 ohm gain block. The
device is self-contained with 50 ohm input
and output impedance.
Applications in-
clude IF and RF amplification in wireless/
wired voice and data communication
products and broadband test equipment
operating up to 6 GHz.
This
RFIC
amplifier
is
initially
available in a plastic SOT-89 3-Pin
package to handle P1dB output power up
to 19dBm (5V). The same RFIC will be
available later in an advanced Microsemi
Gigamite™ package, with significantly
smaller footprint for applications where
board space is at a premium.
IMPORTANT: For the most current data, consult
MICROSEMI’s website: http://www.microsemi.com
 
 
 Advanced InGaP HBT
 DC to 6GHz
 Single +5V Supply
 Small Signal Gain = 16dB
 P1dB = 19dBm (5V),
f=1GHz
 SOT-89 3-Pin, & Gigamite
Packages



 Broadband Gain Blocks
 IF or RF buffer Amplifiers
 Driver Stage for Power
Amps
 Final Power Amp for Low to
Medium Power Applications
 Broadband Test Equipment
 
 
-1 0
-5
0
5
10
15
20
25
30
35
40
45
-2 0
- 1 5
-1 0
- 5
0
5
1 0
1 5
Pi n ( d Bm )
Po u t
Ga i n
Cu r r e n t
f = 5 . 7 G H z
Vc c = 5 V
No m i n a l C u r r e n t
20 m A
  
PK
Plastic SOT-89
3 Pin
Gigamite
MWS11GB11-S1
MWS11GB11-G1
Note: Available in Tape & Reel.
Append the letter “T” to the part number. (i.e. MSW11GB11-S89T)


Similar Part No. - MWS11

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MWS11-2 MICROSEMI-MWS11-2 Datasheet
111Kb / 5P
CMDA Power Amplifier
MWS11-PH22-CS MICROSEMI-MWS11-PH22-CS Datasheet
111Kb / 5P
CMDA Power Amplifier
MWS11-PH41-CS MICROSEMI-MWS11-PH41-CS Datasheet
129Kb / 4P
W-CMDA Power Amplifier
MWS11-PH43-CS MICROSEMI-MWS11-PH43-CS Datasheet
129Kb / 4P
W-CMDA Power Amplifier
MWS11-PHXX-CS MICROSEMI-MWS11-PHXX-CS Datasheet
129Kb / 4P
W-CMDA Power Amplifier
More results

Similar Description - MWS11

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
AG201-63 WJCI-AG201-63 Datasheet
504Kb / 6P
InGaP HBT Gain Block
AG201-86 WJCI-AG201-86 Datasheet
452Kb / 6P
InGaP HBT Gain Block
ECG040 WJCI-ECG040 Datasheet
161Kb / 4P
InGaP HBT Gain Block
AG604-89 WJCI-AG604-89 Datasheet
295Kb / 5P
InGaP HBT Gain Block
AG402-86 WJCI-AG402-86 Datasheet
430Kb / 6P
InGaP HBT Gain Block
ECG004 WJCI-ECG004 Datasheet
125Kb / 4P
InGaP HBT Gain Block
AG402-89-RFID WJCI-AG402-89-RFID Datasheet
506Kb / 6P
InGaP HBT Gain Block
AG503-86-RFID WJCI-AG503-86-RFID Datasheet
486Kb / 6P
InGaP HBT Gain Block
AG503-89-RFID WJCI-AG503-89-RFID Datasheet
509Kb / 6P
InGaP HBT Gain Block
AG604-86-RFID WJCI-AG604-86-RFID Datasheet
179Kb / 5P
InGaP HBT Gain Block
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com