Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MWS11 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # MWS11
Description  InGaP HBT Gain Block
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MWS11 Datasheet(HTML) 2 Page - Microsemi Corporation

  MWS11 Datasheet HTML 1Page - Microsemi Corporation MWS11 Datasheet HTML 2Page - Microsemi Corporation MWS11 Datasheet HTML 3Page - Microsemi Corporation MWS11 Datasheet HTML 4Page - Microsemi Corporation MWS11 Datasheet HTML 5Page - Microsemi Corporation MWS11 Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
C
C O
O N
N F
F II D
D E
E N
N T
T II A
A L
L
Microsemi
11861 Western Avenue, Garden Grove, CA. 92841. Tel: (714) 898-8121
Page 2
Copyright
© 2000
Rev. 0.2,2000-12-15
MWS11-GB11-xx
InGaP HBT Gain Block
PREVIEW
A
M I CROSEM I
COM P A N Y
  
   

DC Supply Voltage..................................................................................................5.0 Vdc
Absolute Max. Limit...................................................................................................60mA
RF Input Power (Pin)...............................................................................................10 dBm
Operating Case Temperature ..........................................................................-40º to +85ºC
Storage Temperature.....................................................................................-60º to +150ºC
Note:
Exceeding these ratings could cause damage to the device. All voltages are with respect to
Ground. Currents are positive into, negative out of specified terminal.
 
 
PK
Plastic SOT-89 3-Pin
THERMAL RESISTANCE
-JUNCTION TO AMBIENT,
θ
JA
XX
°C/W
THERMAL RESISTANCE-JUNCTION TO CASE,
θ
JC
149°C/W
THERMAL RESISTANCE-JUNCTION TO LEAD,
θ
JT
XX
°C/W
Gigamite
THERMAL RESISTANCE
-JUNCTION TO AMBIENT,
θ
JA
XX
°C/W
THERMAL RESISTANCE-JUNCTION TO CASE,
θ
JC
XX
°C/W
THERMAL RESISTANCE-JUNCTION TO LEAD,
θ
JT
XX
°C/W
Junction Temperature Calculation: TJ = TA + (PD x θJA).
The
θ
JA numbers are guidelines for the thermal performance of the device/pc-board
system. All of the above assume no ambient airflow.
   
   
12
3
RF IN
GN D
RF O U T /
BIAS
Ta b is
GN D
PK PACKAGE
(Top View)
  
   

 
  
RF IN
RF Input pin. A DC blocking capacitor should be used in most applications.
GND
Ground connection. Traces should be minimized and connect immediately to ground.
RF OUT /
BIAS
RF output and bias pin. In the bias network, a resistor is selected to set the DC current into this pin as:
()
CC
D
CC
I
V
V
R
−
=
Note that maximum current limit ICC must not be exceeded and a resistor should always be used. A DC blocking
capacitor should also be used.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com