Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5151HGD16 Datasheet(PDF) 11 Page - ON Semiconductor

Part # CS5151HGD16
Description  CPU 4?묪it Nonsynchronous Buck Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5151HGD16 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button CS5151HGD16 Datasheet HTML 7Page - ON Semiconductor CS5151HGD16 Datasheet HTML 8Page - ON Semiconductor CS5151HGD16 Datasheet HTML 9Page - ON Semiconductor CS5151HGD16 Datasheet HTML 10Page - ON Semiconductor CS5151HGD16 Datasheet HTML 11Page - ON Semiconductor CS5151HGD16 Datasheet HTML 12Page - ON Semiconductor CS5151HGD16 Datasheet HTML 13Page - ON Semiconductor CS5151HGD16 Datasheet HTML 14Page - ON Semiconductor CS5151HGD16 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
CS5151H
http://onsemi.com
11
This circuit operates by pulling the Soft Start pin high, and
the VFFB pin low, emulating a short circuit condition.
Figure 14. Implementing Shutdown with the CS5151H
Shutdown
Input
5.0 V
MMUN2111T1 (SOT−23)
5
8 V
FFB
SS
IN4148
CS5151H
External Power Good Circuit
An optional Power Good signal can be generated through
the use of four additional external components (see Figure
15). The threshold voltage of the Power Good signal can be
adjusted per the following equation:
VPower Good +
(R1 ) R2)
0.65 V
R2
This circuit provides an open collector output that drives
the Power Good output to ground for regulator voltages less
than VPower Good.
Figure 15. Implementing Power Good with the CS5151H
5.0 V
Power Good
10 k
VOUT
PN3904
6.2 k
R1
R2
PN3904
10 k
R3
CS5151H
Figure 16. CS5151H Demonstration Board During
Power Up. Power Good Signal is Activated when
Output Voltage Reaches 1.70 V.
M 2.50 ms
Trace 4− 5.0 V Input (2.0 V/div.)
Trace 3 − 12 V Input (VCC1) and (VCC2) (10 V/div.)
Trace 1− Regulator Output Voltage (1.0 V/div.)
Trace 2− Power Good Signal (2.0 V/div.)
Selecting External Components
The CS5151H can be used with a wide range of external
power components to optimize the cost and performance of
a particular design. The following information can be used
as general guidelines to assist in their selection.
NFET Power Transistors
Both logic level and standard MOSFETs can be used. The
reference designs derive gate drive from the 12 V supply
which is generally available in most computer systems and
use logic level MOSFETs. A charge pump may be easily
implemented to permit use of standard MOSFETs or support
5.0 V or 12 V only systems (maximum of 20 V). Multiple
MOSFETs may be paralleled to reduce losses and improve
efficiency and thermal management.
Voltage applied to the MOSFET gates depends on the
application circuit used. The gate driver output is specified
to drive to within 1.5 V of ground when in the low state and
to within 2.0 V of its bias supply when in the high state. In
practice, the MOSFET gate will be driven rail to rail due to
overshoot caused by the capacitive load it presents to the
controller IC. For the typical application where VCC1 =
VCC2 = 12 V and 5.0 V is used as the source for the regulator
output current, the following gate drive is provided;
VGATE + 12 V * 5.0 V + 7.0 V
(see Figure 17.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com