Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5151HGD16 Datasheet(PDF) 14 Page - ON Semiconductor

Part # CS5151HGD16
Description  CPU 4?묪it Nonsynchronous Buck Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5151HGD16 Datasheet(HTML) 14 Page - ON Semiconductor

Back Button CS5151HGD16 Datasheet HTML 8Page - ON Semiconductor CS5151HGD16 Datasheet HTML 9Page - ON Semiconductor CS5151HGD16 Datasheet HTML 10Page - ON Semiconductor CS5151HGD16 Datasheet HTML 11Page - ON Semiconductor CS5151HGD16 Datasheet HTML 12Page - ON Semiconductor CS5151HGD16 Datasheet HTML 13Page - ON Semiconductor CS5151HGD16 Datasheet HTML 14Page - ON Semiconductor CS5151HGD16 Datasheet HTML 15Page - ON Semiconductor CS5151HGD16 Datasheet HTML 16Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
CS5151H
http://onsemi.com
14
Figure 21. Additional Application Diagram, 5.0 V to 3.3 V/10 A Converter
COMP
VFFB
VFB
VGATE
VCC2
VCC1
VID0
VID1
VID2
VID3
PGND
SS
COFF
CS5151H
Si4410DY
Tantalum
Tantalum
3.3 V/10 A
5.0V
0.1 μF
330 pF
0.1 μF
0.33 μF
LGND
100 pF
3.3 k
100 μF/10 V × 3
1.0 μF
MBRS120
MBRS120
100 μF/10 V × 3
1.0 μF
MBRS
120
3.0 μH
+
+
2
1,3
COMP
VFFB
VFB
VGATE
VCC2
VCC1
VID0
VID1
VID2
VID3
PGND
SS
COFF
CS5151H
3.3 V
330 pF
0.1 μF
LGND
33 μF/25 V × 3
0.33 μF
3.3 k
Si9410
0.1 μF
12 V
5.0 μH
2.5 V/7.0 A
Tantalum
100 μF/10 V × 2
Figure 22. Additional Application Diagram, 3.3 V to 2.5 V/7.0 A Converter with 12 V Bias
1.0 μF
+
+
100 pF
Tantalum
2
1,3
MBR1535CT
MBR1535CT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com