Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5151HGD16 Datasheet(PDF) 13 Page - ON Semiconductor

Part # CS5151HGD16
Description  CPU 4?묪it Nonsynchronous Buck Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5151HGD16 Datasheet(HTML) 13 Page - ON Semiconductor

Back Button CS5151HGD16 Datasheet HTML 8Page - ON Semiconductor CS5151HGD16 Datasheet HTML 9Page - ON Semiconductor CS5151HGD16 Datasheet HTML 10Page - ON Semiconductor CS5151HGD16 Datasheet HTML 11Page - ON Semiconductor CS5151HGD16 Datasheet HTML 12Page - ON Semiconductor CS5151HGD16 Datasheet HTML 13Page - ON Semiconductor CS5151HGD16 Datasheet HTML 14Page - ON Semiconductor CS5151HGD16 Datasheet HTML 15Page - ON Semiconductor CS5151HGD16 Datasheet HTML 16Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
CS5151H
http://onsemi.com
13
and bypass capacitors, as well as other loads located on the
board will tend to reduce regulator di/dt effects on the circuit
board and input power supply. Placement of the power
component to minimize routing distance will also help to
reduce emissions.
Figure 18. Filter Components
1000 pF
33 Ω
2.0 μH
Figure 19. Input Filter
1200 pF × 3.0/16 V
2.0 μH
+
Layout Guidelines
1. Place 12 V filter capacitor next to the IC and connect
capacitor ground to pin 11 (PGND).
2. Connect pin 11 (PGND) with a separate trace to the
ground terminals of the 5.0 V input capacitors.
3. Place fast feedback filter capacitor next to pin 8 (VFFB)
and connect it’s ground terminal with a separate, wide
trace directly to pin 14 (LGND).
4. Connect the ground terminals of the Compensation
capacitor directly to the ground of the fast feedback
filter capacitor to prevent common mode noise from
effecting the PWM comparator.
5. Place the output filter capacitor(s) as close to the load
as possible and connect the ground terminal to pin 14
(LGND).
6. To implement adaptive voltage positioning, connect
both slow and fast feedback pins 16 (VFB) and 8
(VFFB) to the regulator output right at the inductor
terminal. Connect inductor to the output capacitors via
a trace with the following resistance:
RTRACE + 80 mV
IMAX
This causes the output voltage to be +40 mV with no
load, and −40 mV with a full load, improving regulator
transient response. This trace must be wide enough to
carry the full output current. (Typical trace is 1.0 inch
long, 0.17 inch wide). Care should be taken to
minimize any additional losses after the feedback
connection point to maximize regulation.
7. If DC regulation is to be optimized (at the expense of
degraded transient regulation), adaptive voltage
positioning can be disabled by connecting to VFB pin
directly to the load with a separate trace (remote
sense).
8. Place 5.0 V input capacitors close to the switching
MOSFET.
Route gate drive signals VGATE (pin 10) with a trace
that is a minimum of 0.025 inches wide.
Figure 20. Layout Guidelines
To the negative terminal of the output capacitors
VCC
100 pF
0.1 μF
SOFT START
OFF TIME
VCOMP
To the negative terminal
of the input capacitors
15
11
5
8
VFFB
1.0 μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com