Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5151HGD16 Datasheet(PDF) 12 Page - ON Semiconductor

Part # CS5151HGD16
Description  CPU 4?묪it Nonsynchronous Buck Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5151HGD16 Datasheet(HTML) 12 Page - ON Semiconductor

Back Button CS5151HGD16 Datasheet HTML 8Page - ON Semiconductor CS5151HGD16 Datasheet HTML 9Page - ON Semiconductor CS5151HGD16 Datasheet HTML 10Page - ON Semiconductor CS5151HGD16 Datasheet HTML 11Page - ON Semiconductor CS5151HGD16 Datasheet HTML 12Page - ON Semiconductor CS5151HGD16 Datasheet HTML 13Page - ON Semiconductor CS5151HGD16 Datasheet HTML 14Page - ON Semiconductor CS5151HGD16 Datasheet HTML 15Page - ON Semiconductor CS5151HGD16 Datasheet HTML 16Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
CS5151H
http://onsemi.com
12
Figure 17. CS5151H Gate Drive Waveforms Depicting
Rail to Rail Swing
M 1.00 μs
M1 = VGATE − 5.0 VIN
Channel 3 = VGATE
Channel 2− Inductor Switching Node
The most important aspect of MOSFET performance is
RDSON, which effects regulator efficiency and MOSFET
thermal management requirements.
The power dissipated by the MOSFET and the Schottky
diode may be estimated as follows;
Switching MOSFET:
Power + ILOAD2
RDSON
duty cycle
Schottky diode:
Power + VFORWARD
ILOAD
(1 * duty cycle)
Duty Cycle =
VOUT ) VFORWARD
VIN ) VFORWARD * (ILOAD
RDSON OF SYNCH FET)
Off Time Capacitor (COFF)
The COFF timing capacitor sets the regulator off time:
TOFF + COFF
4848.5
When the VFFB pin is less than 1.0 V, the current charging
the COFF capacitor is reduced. The extended off time can be
calculated as follows:
TOFF + COFF
24, 242.5
Off time will be determined by either the TOFF time, or the
time out timer, whichever is longer.
The preceding equations for duty cycle can also be used
to calculate the regulator switching frequency and select the
COFF timing capacitor:
COFF +
Perioid
(1 * duty cycle)
4848.5
where:
Period +
1
switching frequency
“Droop” Resistor for Adaptive Voltage Positioning
Adaptive voltage positioning is used to reduce output
voltage excursions during abrupt changes in load current.
Regulator output voltage is offset +40 mV when the
regulator is unloaded, and −40 mV at full load. This results
in increased margin before encountering minimum and
maximum transient voltage limits, allowing use of less
capacitance on the regulator output (see Figure 9).
To implement adaptive voltage positioning, a “droop”
resistor must be connected between the output inductor and
output capacitors and load. This is normally implemented by
a PC board trace of the following value:
RDROOP + 80 mV
IMAX
Adaptive voltage positioning can be disabled for
improved DC regulation by connecting the VFB pin directly
to the load using a separate, non−load current carrying
circuit trace.
Input and Output Capacitors
These components must be selected and placed carefully
to yield optimal results. Capacitors should be chosen to
provide acceptable ripple on the input supply lines and
regulator output voltage. Key specifications for input
capacitors are their ripple rating, while ESR is important for
output capacitors. For best transient response, a combination
of low value/high frequency and bulk capacitors placed
close to the load will be required.
Output Inductor
The inductor should be selected based on its inductance,
current capability, and DC resistance. Increasing the
inductor value will decrease output voltage ripple, but
degrade transient response.
THERMAL MANAGEMENT
Thermal Considerations for Power
MOSFETs and Diodes
In order to maintain good reliability, the junction
temperature of the semiconductor components should be
kept to a maximum of 150°C or lower. The thermal
impedance (junction to ambient) required to meet this
requirement can be calculated as follows:
Thermal Impedance +
TJUNCTION(MAX) * TAMBIENT
Power
A heatsink may be added to TO−220 components to
reduce their thermal impedance. A number of PC board
layout techniques such as thermal vias and additional copper
foil area can be used to improve the power handling
capability of surface mount components.
EMI Management
As a consequence of large currents being turned on and off
at high frequency, switching regulators generate noise as a
consequence of their normal operation. When designing for
compliance with EMI/EMC regulations, additional
components may be added to reduce noise emissions. These
components are not required for regulator operation and
experimental results may allow them to be eliminated. The
input filter inductor may not be required because bulk filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com