Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5307GDWR24 Datasheet(PDF) 9 Page - ON Semiconductor

Part # CS5307GDWR24
Description  Four?뭁hase VRM 9.0 Buck Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5307GDWR24 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button CS5307GDWR24 Datasheet HTML 5Page - ON Semiconductor CS5307GDWR24 Datasheet HTML 6Page - ON Semiconductor CS5307GDWR24 Datasheet HTML 7Page - ON Semiconductor CS5307GDWR24 Datasheet HTML 8Page - ON Semiconductor CS5307GDWR24 Datasheet HTML 9Page - ON Semiconductor CS5307GDWR24 Datasheet HTML 10Page - ON Semiconductor CS5307GDWR24 Datasheet HTML 11Page - ON Semiconductor CS5307GDWR24 Datasheet HTML 12Page - ON Semiconductor CS5307GDWR24 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
CS5307
http://onsemi.com
9
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 3. Oscillator Frequency
100
ROSC Value (kΩ)
300
400
500
600
700
800
900
200
10
20
30
40
50
60
70
10
0
ROSC Value (kΩ)
5
10
15
20
25
20
30
40
50
60
70
80
Figure 4. VFB Bias Current vs. ROSC Value
0
401
TA (°C)
404
405
406
407
408
409
410
20
40
60
80
100
120
402
403
Figure 5. ICC vs. Temperature
Figure 6. Oscillator Frequency vs. Temperature
(ROSC = 32.4 kW)
0
18
TA (°C)
19
20
21
22
23
24
20
40
60
80
100
120
0
−0.05
TA (°C)
0.00
0.05
0.10
0.15
0.20
20
40
60
80
100
120
VID = 1.1 V
VID = 1.3 V
VID = 1.5 V
0
300
TA (°C)
400
450
500
550
600
650
700
20
40
60
80
100
120
350
Figure 7. DAC Output Error vs. Temperature
Figure 8. Current Sense Amplifier Channel Startup
Offset Voltage vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com