Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5307GDWR24 Datasheet(PDF) 23 Page - ON Semiconductor

Part # CS5307GDWR24
Description  Four?뭁hase VRM 9.0 Buck Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5307GDWR24 Datasheet(HTML) 23 Page - ON Semiconductor

Back Button CS5307GDWR24 Datasheet HTML 16Page - ON Semiconductor CS5307GDWR24 Datasheet HTML 17Page - ON Semiconductor CS5307GDWR24 Datasheet HTML 18Page - ON Semiconductor CS5307GDWR24 Datasheet HTML 19Page - ON Semiconductor CS5307GDWR24 Datasheet HTML 20Page - ON Semiconductor CS5307GDWR24 Datasheet HTML 21Page - ON Semiconductor CS5307GDWR24 Datasheet HTML 22Page - ON Semiconductor CS5307GDWR24 Datasheet HTML 23Page - ON Semiconductor CS5307GDWR24 Datasheet HTML 24Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
CS5307
http://onsemi.com
23
Figure 31. At Full−Load the Peak−to−Peak Voltage
Ripple on the COMP Pin Should Be Less than 20 mV
for a Well−Tuned/Stable Controller. Higher COMP
Voltage Ripple Will Contribute to Output Voltage Jitter.
Figure 32. The Value of CAMP Is Optimal. COMP Slews
Quickly Without Spiking or Ringing. VOUT Does Not
Overshoot and Monotonically Settles to Its Final Value.
VOCSET + (IOUT,LIM ) DILo 2) @ R @ GILIM (34)
where:
IOUT,LIM is the current limit threshold of the converter;
ΔILo/2 is half the inductor ripple current;
R is either (RLMAX + RPCB) or RSENSE;
GILIM is the current sense to OCSET gain.
For the overcurrent protection to work properly, the
current sense time constant (RC) should be slightly larger
than the RL time constant. If the RC time constant is too fast,
a step load change will cause the sensed current waveform
to appear larger than the actual inductor current and will trip
the current limit at a lower level than expected.
10. PWM Comparator Input Voltage
The voltage at the positive input terminal of the PWM
comparator (see Figure 14 or 16) is limited by the internal
voltage supply of the controller (3.3 V), the size of the
internal ramp and the magnitude of the channel startup offset
voltage. To prevent the PWM comparator from saturating,
the differential input voltage from CSREF to CSn (n = 1, 2,
3, or 4) must satisfy the following equation:
VCSREF,MAX ) VCOx,MAX ) 600 mV @ D v 2.45 V
(35)
where:
VCSREF,MAX + Max VID Setting w AVP @ Full Load
VCOn,MAX + [VCSx * VCSREF] @ GCSA,MAX
+ (IO,MAX 2 ) DILo 2) @ RMAX
@ GCSA,MAX
RMAX + RSENSE or (RL,MAX ) RPCB,MAX)
11. Soft Start Time
The Soft Start time (TSS) can be calculated from:
+ CSS @
VCOMP * Channel_Startup_Offset
160 mA
(36)
TSS + CSS @ DV
ISS
where:
+ 2.353 Vdc (from page 12)
VCOMP + VOUT @0 A ) Channel_Startup_Offset
) Int_Ramp ) GCSA @ Ext_Ramp 2
If CSS = 0.1 μF, then the Soft Start time will be:
TSS + 0.1 mF @
1.753 Vdc
160 mA +
1.1 ms
(37)
The Channel_Startup_Offset is subtracted from VCOMP
as the output does not begin to rise until VCOMP exceeds this
voltage. As the internal and external ramp values are small,
the Soft Start time may be approximated by:
TSS + CSS @
VOUT @0 A
ISS
(38)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com