Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5307GDWR24 Datasheet(PDF) 11 Page - ON Semiconductor

Part # CS5307GDWR24
Description  Four?뭁hase VRM 9.0 Buck Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5307GDWR24 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button CS5307GDWR24 Datasheet HTML 7Page - ON Semiconductor CS5307GDWR24 Datasheet HTML 8Page - ON Semiconductor CS5307GDWR24 Datasheet HTML 9Page - ON Semiconductor CS5307GDWR24 Datasheet HTML 10Page - ON Semiconductor CS5307GDWR24 Datasheet HTML 11Page - ON Semiconductor CS5307GDWR24 Datasheet HTML 12Page - ON Semiconductor CS5307GDWR24 Datasheet HTML 13Page - ON Semiconductor CS5307GDWR24 Datasheet HTML 14Page - ON Semiconductor CS5307GDWR24 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
CS5307
http://onsemi.com
11
APPLICATIONS INFORMATION
Overview
The CS5307 DC/DC controller from ON Semiconductor
was developed using the Enhanced V2 topology. Enhanced
V2 combines the original V2 topology with peak
current−mode control for fast transient response and current
sensing capability. The addition of an internal PWM ramp
and implementation of fast−feedback directly from Vcore
has improved transient response and simplified design. The
CS5307 includes Power Good (PWRGD), providing a
highly integrated solution to simplify design, minimize
circuit board area, and reduce overall system cost.
Two advantages of a multi−phase converter over a
single−phase converter are current sharing and increased
apparent output frequency. Current sharing allows the designer
to use less inductance in each phase than would be required in
a single−phase converter. The smaller inductor will produce
larger ripple currents but the total per−phase power dissipation
is reduced because the RMS current is lower. Transient
response is improved because the control loop will measure
and adjust the current faster in a smaller output inductor.
Increased apparent output frequency is desirable because the
off− time and the ripple voltage of the multi−phase converter
will be less than that of a single−phase converter.
Fixed Frequency Multi−Phase Control
In a multi−phase converter, multiple converters are
connected in parallel and are switched on at different times.
This reduces output current from the individual converters
and increases the apparent ripple frequency. Because several
converters are connected in parallel, output current can ramp
up or down faster than a single converter (with the same
value output inductor) and heat is spread among multiple
components.
The CS5307 controller uses four−phase, fixed−frequency,
Enhanced V2 architecture to measure and control currents in
individual phases. Each phase is delayed 90° from the
previous phase. Normally, GATEx transitions to a high
voltage at the beginning of each oscillator cycle. Inductor
current ramps up until the combination of the current sense
signal, the internal ramp and the output voltage ripple trip
the PWM comparator and bring GATEx low. Once GATEx
goes low, it will remain low until the beginning of the next
oscillator cycle. While GATEx is high, the Enhanced V2
loop will respond to line and load variations. On the other
hand, once GATEx is low, the loop cannot respond until the
beginning of the next PWM cycle. Therefore, constant
frequency Enhanced V2 will typically respond to
disturbances within the off−time of the converter.
The Enhanced V2 architecture measures and adjusts the
output current in each phase. An additional input (CSx) for
inductor current information has been added to the V2 loop
for each phase as shown in Figure 14. The triangular
inductor current is measured differentially across RS,
amplified by CSA and summed with the channel startup
offset, the internal ramp and the output voltage at the
non−inverting input of the PWM comparator. The purpose
of the internal ramp is to compensate for propagation delays
in the CS5307. This provides greater design flexibility by
allowing smaller external ramps, lower minimum pulse
widths, higher frequency operation and PWM duty cycles
above 50% without external slope compensation. As the
sum of the inductor current and the internal ramp increase,
the voltage on the positive pin of the PWM comparator rises
and terminates the PWM cycle. If the inductor starts a cycle
with higher current, the PWM cycle will terminate earlier
providing negative feedback. The CS5307 provides a CSx
input for each phase, but the CSREF and COMP inputs are
common to all phases. Current sharing is accomplished by
referencing all phases to the same CSREF and COMP pins,
so that a phase with a larger current signal will turn off earlier
than a phase with a smaller current signal.
Figure 14. Enhanced V2 Control Employing Resistive Current Sensing and Internal Ramp
+
−
SWNODE
Lx
RLx
RSx
CSx
CSA
COx
CSREF
+
VOUT
(VCORE)
“Fast−Feedback”
Connection
+
−
PWM
COMP
To F/F
Reset
Channel
Start−Up
Offset
−
+
E.A.
DAC
Out
VFB
COMP
Internal Ramp
+
x = 1, 2, 3, or 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com