Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5307GDWR24 Datasheet(PDF) 17 Page - ON Semiconductor

Part # CS5307GDWR24
Description  Four?뭁hase VRM 9.0 Buck Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5307GDWR24 Datasheet(HTML) 17 Page - ON Semiconductor

Back Button CS5307GDWR24 Datasheet HTML 13Page - ON Semiconductor CS5307GDWR24 Datasheet HTML 14Page - ON Semiconductor CS5307GDWR24 Datasheet HTML 15Page - ON Semiconductor CS5307GDWR24 Datasheet HTML 16Page - ON Semiconductor CS5307GDWR24 Datasheet HTML 17Page - ON Semiconductor CS5307GDWR24 Datasheet HTML 18Page - ON Semiconductor CS5307GDWR24 Datasheet HTML 19Page - ON Semiconductor CS5307GDWR24 Datasheet HTML 20Page - ON Semiconductor CS5307GDWR24 Datasheet HTML 21Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
CS5307
http://onsemi.com
17
For decreasing current:
DtDEC + Lo @ DIO (VOUT)
(3.2)
For typical processor applications with output voltages
less than half the input voltage, the current will be increased
much more quickly than it can be decreased. Thus, it may be
more difficult for the converter to stay within the regulation
limits when the load is removed than when it is applied and
excessive overshoot may result.
The output voltage ripple can be calculated using the
output inductor value derived in this Section (LoMIN), the
number of output capacitors (NOUT,MIN) and the per
capacitor ESR determined in the previous Section:
VOUT,P−P + (ESR per cap NOUT,MIN) @
(VIN * #Phases @ VOUT) @ D (LoMIN @ fSW)
(4)
This formula assumes steady−state conditions with no
more than one phase on at any time. The second term in
Equation 4 is the total ripple current seen by the output
capacitors. The total output ripple current is the “time
summation” of the four individual phase currents that are 90
degrees out−of−phase. As the inductor current in one phase
ramps upward, current in the other phase ramps downward
and provides a canceling of currents during part of the
switching cycle. Therefore, the total output ripple current
and voltage are reduced in a multi−phase converter.
3. Input Capacitor Selection
The choice and number of input capacitors is primarily
determined by their voltage and ripple current ratings. The
designer must choose capacitors that will support the worst
case input voltage with adequate margin. To calculate the
number of input capacitors, one must first determine the
total RMS input ripple current. To this end, begin by
calculating the average input current to the converter:
IIN,AVG + IO,MAX @ D h
(5)
where:
D is the duty cycle of the converter, D = VOUT/VIN;
η is the specified minimum efficiency;
IO,MAX is the maximum converter output current.
The input capacitors will discharge when the control FET
is ON and charge when the control FET is OFF as shown in
Figure 21.
The following equations will determine the maximum and
minimum currents delivered by the input capacitors:
IC,MAX + ILo,MAX h * IIN,AVG
(6)
IC,MIN + ILo,MIN h * IIN,AVG
(7)
ILo,MAX is the maximum output inductor current:
ILo,MAX + IO,MAX 4 ) DILo 2
(8)
ILo,MIN is the minimum output inductor current:
ILo,MIN + IO,MAX 4 * DILo 2
(9)
ΔILo is the peak−to−peak ripple current in the output
inductor of value Lo:
DILo + (VIN * VOUT) @ D (Lo @ fSW)
(10)
For the four−phase converter, the input capacitor(s) RMS
current is then:
ICIN,RMS + [4D @ (IC,MIN2 ) IC,MIN @ DIC,IN
) DIC,IN2 3) ) IIN,AVG2 @ (1 * 4D)]1 2
(11)
Select the number of input capacitors (NIN) to provide the
RMS input current (ICIN,RMS) based on the RMS ripple
current rating per capacitor (IRMS,RATED):
NIN + ICIN,RMS IRMS,RATED
(12)
For a four−phase converter with perfect efficiency (η = 1),
the worst case input ripple−current will occur when the
converter is operating at a 12.5% duty cycle. At this
operating point, the parallel combination of input capacitors
must support an RMS ripple current equal to 12.5% of the
converter’s DC output current. At other duty cycles, the
ripple−current will be less. For example, at a duty cycle of
either 6% or 19%, the four−phase input ripple−current will
be approximately 10% of the converter’s DC output current.
In general, capacitor manufacturers require derating to the
specified ripple−current based on the ambient temperature.
More capacitors will be required because of the current
derating. The designer should know the ESR of the input
capacitors. The input capacitor power loss can be calculated
from:
PCIN + ICIN,RMS2 @ ESR_per_capacitor NIN (13)
Low ESR capacitors are recommended to minimize losses
and reduce capacitor heating. The life of an electrolytic
capacitor is reduced 50% for every 10°C rise in the
capacitor’s temperature.
IC,MAX
IC,MIN
0 A
−IIN,AVG
FET On,
Caps Discharging
FET Off,
Caps Charging
tON
T/4
ΔIC,IN = IC,MAX − IC,MIN
Figure 21. Input Capacitor Current for a
Four−Phase Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com