Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC Datasheet(PDF) 2 Page - Vishay Siliconix

Part # FC
Description  High Frequency (up to 20 GHz) Resistor, Thin Film Surface Mount Chip
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

FC Datasheet(HTML) 2 Page - Vishay Siliconix

  FC Datasheet HTML 1Page - Vishay Siliconix FC Datasheet HTML 2Page - Vishay Siliconix FC Datasheet HTML 3Page - Vishay Siliconix FC Datasheet HTML 4Page - Vishay Siliconix FC Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
FC
www.vishay.com
Vishay Dale Thin Film
Revision: 07-Aug-14
2
Document Number: 60093
For technical questions, contact: thinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Preferred packaging code
DIMENSIONS in inches (millimeters)
CASE
SIZE
LENGTH
WIDTH
W (± 0.005)
THICKNESS
TYPICAL
TOP PAD
D (± 0.005)
BOTTOM PAD
E (± 0.005)
0402
0.042 ± 0.008
(1.067 ± 0.203)
0.022
(0.559)
0.015
(0.381)
0.010
(0.254)
0.010
(0.254)
0505
0.055 ± 0.006
(1.397 ± 0.152)
0.050
(1.270)
0.015
(0.381)
0.010
(0.254)
0.015
(0.381)
0603
0.064 ± 0.006
(1.626 ± 0.152)
0.032
(0.813)
0.015
(0.381)
0.012
(0.305)
0.015
(0.381)
0805
0.080 ± 0.006
(2.032 ± 0.152)
0.050
(1.270)
0.015
(0.381)
0.016 ± 0.008
(0.406 ± 0.203)
0.015
(0.381)
1005
0.105 ± 0.008
(2.667 ± 0.203)
0.050
(1.270)
0.015
(0.381)
0.015
(0.381)
0.015
(0.381)
1206
0.126 ± 0.008
(3.200 ± 0.203)
0.063
(1.600)
0.015
(0.381)
0.020 + 0.005/- 0.010
(0.508 + 0.127/- 0.254)
MECHANICAL SPECIFICATIONS
Resistive Element
Passivated nichrome
Substrate Material
Alumina
Terminations
Pre-soldered or gold
Lead (Pb)-free Option
96.5 % Sn, 3.0 % Ag, 0.5 % Cu
Tin/Lead Option
Sn63
Lead (Pb)-free Finish and Tin/Lead
Hot solder dip
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: FC1206E1001BBTS
GLOBAL
MODEL
CASE
SIZE
TCR
CHARACTERISTIC
RESISTANCE
TOLERANCE
TERMINATION
(1, 2 or 3 digits)
PACKAGING
FC
0402
0505
0603
0805
1005
1206
E = 25 ppm/°C
H = 50 ppm/°C
K = 100 ppm/°C
The first 3 digits
are significant
figures and the last
digit specifies the
number of zeros to
follow. “R”
designates the
decimal point.
Example:
10R0 = 10
1000 = 100
1001 = 1 k
B = 0.1 %
D = 0.5 %
F = 1 %
G = 2 %
J = 5 %
T = Top sided Au (gold) term
Au over Ni epoxy bondable
RoHS compliant - e4
B = Wraparound Sn/Pb solder
63 % Sn/37 % Pb w/nickel
barrier
G = Wraparound Au over Ni (gold)
termination epoxy bondable
RoHS compliant - e4
TB = Top sided Sn/Pb solder
63 % Sn/37 % Pb w/nickel
barrier
TBS = Top sided lead (Pb)-free
solder w/nickel barrier
RoHS compliant - e1
S = Wraparound
lead (Pb)-free solder
96.5 % Sn/3.0 % Ag/0.5 %Cu
RoHS compliant - e1
BS = BULK
100 min., 1 mult
WS = WAFFLE
100 min., 1 mult
TAPE AND REEL
T0 = 100 min., 100 mult
T1 = 1000 min., 1000 mult (1)
T3 = 300 min., 300 mult
T5 = 500 min., 500 mult
TF = Full reel
TS = 100 min., 1 mult
Historical Part Number example: FC1206E1001BBT (for reference purposes only)
FC
1206
E
1001
B
B
T
SERIES
CASE SIZE
TCR
CHARACTERISTIC
RESISTANCE
TOLERANCE
TERMINATION
PACKAGING
D
L
E
T
W
L
DT
20
6
K
0
0
0
1
1
FC
BT
B
ST
S
20
6
E
0
0
1
1
1
FC
BB
T
S



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com