Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC Datasheet(PDF) 4 Page - Vishay Siliconix

Part # FC
Description  High Frequency (up to 20 GHz) Resistor, Thin Film Surface Mount Chip
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

FC Datasheet(HTML) 4 Page - Vishay Siliconix

  FC Datasheet HTML 1Page - Vishay Siliconix FC Datasheet HTML 2Page - Vishay Siliconix FC Datasheet HTML 3Page - Vishay Siliconix FC Datasheet HTML 4Page - Vishay Siliconix FC Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
FC
www.vishay.com
Vishay Dale Thin Film
Revision: 07-Aug-14
4
Document Number: 60093
For technical questions, contact: thinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DERATING CURVE
100
0
80
60
40
20
Ambient Temperature °C
0
140
125
100
80
60
40
20
70
155
VSWR FC Series 0402 size 50
Ω
2.0
Frequency (GHz)
1
1.0
1.9
1.8
1.7
1.6
1.5
1.4
1.3
1.2
1.1
20
19
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
218
VSWR FC Series 0402 size 100
Ω
2.0
Frequency (GHz)
1
1.0
1.9
1.8
1.7
1.6
1.5
1.4
1.3
1.2
1.1
20
19
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
218



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com