Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC Datasheet(PDF) 3 Page - Vishay Siliconix

Part # FC
Description  High Frequency (up to 20 GHz) Resistor, Thin Film Surface Mount Chip
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

FC Datasheet(HTML) 3 Page - Vishay Siliconix

  FC Datasheet HTML 1Page - Vishay Siliconix FC Datasheet HTML 2Page - Vishay Siliconix FC Datasheet HTML 3Page - Vishay Siliconix FC Datasheet HTML 4Page - Vishay Siliconix FC Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
FC
www.vishay.com
Vishay Dale Thin Film
Revision: 07-Aug-14
3
Document Number: 60093
For technical questions, contact: thinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL HIGH FREQUENCY PERFORMANCE ELECTRICAL MODEL AND TESTING
The lumped circuit above was used to model the data at the bonding pad-resistor reference plane. High frequency testing was
performed by Modelithics, Inc. on parts mounted to quartz test boards. Quartz test boards were chosen to minimize the
contribution of the board effects at high frequencies.
INTERNAL IMPEDANCE
Lumped Equivalent Circuit
Reference plane is at the resistor-bonding pad interface.
C: Internal shunt capacitance
L : Internal inductance
R: Resistance
L
C: External connection inductance
C
g: External capacitance to ground
C
g
C
g
L
C
R
L
C
L
C
0402 Wraparound
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0.0
Frequency (GHz)
0402 Flip chip
75
Ω
100
Ω
250
Ω
500
Ω
50
Ω
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0.0
Frequency (GHz)
0603 Flip chip
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0.0
0.1
1
10
Frequency (GHz)
0.1
1
10
0.1
1
10
C = 0.0262 pF
L = 0.00189 nH
C = 0.0403 pF
L = 0.0267 nH
C = 0.0392 pF
L = 0.1209 nH
1000
Ω
100
Ω
250
Ω
500
Ω
50
Ω
1000
Ω
75
Ω
100
Ω
500
Ω
50
Ω
1000
Ω



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com