Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC Datasheet(PDF) 1 Page - Vishay Siliconix

Part # FC
Description  High Frequency (up to 20 GHz) Resistor, Thin Film Surface Mount Chip
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

FC Datasheet(HTML) 1 Page - Vishay Siliconix

  FC Datasheet HTML 1Page - Vishay Siliconix FC Datasheet HTML 2Page - Vishay Siliconix FC Datasheet HTML 3Page - Vishay Siliconix FC Datasheet HTML 4Page - Vishay Siliconix FC Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FC
www.vishay.com
Vishay Dale Thin Film
Revision: 07-Aug-14
1
Document Number: 60093
For technical questions, contact: thinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
High Frequency (up to 20 GHz) Resistor,
Thin Film Surface Mount Chip
FC series chip resistors are designed with low internal
reactance. They function as almost pure resistors on a very
high range of frequencies. The specialized laser edge
trimming allows for precision tolerances to 0.1 %.
FEATURES
• Small standard size 0402 case size
• Edge trimmed block resistors
• High purity alumina substrate
• Ohmic range (10
 to 1000 )
• Small internal reactance (< 10 m
)
• Low TCR (down to ± 25 ppm/°C)
• Epoxy bondable termination available
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Note
* This datasheet provides information about parts that are
RoHS-compliant and/or parts that are non-RoHS-compliant. For
example, parts with lead (Pb) terminations are not RoHS-compliant.
Please see the information/tables in this datasheet for details.
APPLICATIONS
• Low noise amplifiers
• Attenuation
• Line termination
Available
Available
Available
Available
STANDARD ELECTRICAL SPECIFICATIONS
TEST
SPECIFICATIONS
CONDITIONS
Material
Passivated nichrome
-
Resistance Range
10
 to 1000 
Case size dependent
TCR: Absolute
± 25 ppm/°C to ± 100 ppm/°C
-55 °C to +125 °C
Tolerance: Absolute
± 0.1 % to ± 5.0 %
+25 °C
Stability: Absolute
R ± 0.02 %
2000 h at 70 °C
Stability: Ratio
--
Voltage Coefficient
0.1 ppm/V
-
Working Voltage
30 V to 75 V
-
Operating Temperature Range
-55 °C to +155 °C
-
Storage Temperature Range
-55 °C to +155 °C
-
Noise
< -35 dB
-
Shelf Life Stability: Absolute
R ± 0.01 %
1 year at +25 °C
COMPONENT RATINGS
CASE SIZE
POWER RATING (mW)
WORKING VOLTAGE (V)
RESISTANCE RANGE (
)
0402
50
30
10 to 1000
0505
125
37
20 to 1000
0603
125
50
10 to 1000
0805
200
50
10 to 1000
1005
250
75
10 to 1000
1206
330
75
10 to 1000


Similar Description - FC

ManufacturerPart #DatasheetDescription
logo
RFE international
RMT06R-10K-B25 RFE-RMT06R-10K-B25 Datasheet
76Kb / 1P
SURFACE MOUNT RMT Series: Thin Film Chip Resistor RESISTORS
logo
Vishay Siliconix
BFC233824104 VISHAY-BFC233824104 Datasheet
115Kb / 5P
High Frequency (up to 20 GHz) Resistor, Thin Film Surface Mount Chip
26-Jun-12
P1206E3322BBT VISHAY-P1206E3322BBT Datasheet
94Kb / 3P
Commercial Thin Film Resistor, Surface Mount Chip
27-Jun-13
PTN1206E3321BST1 VISHAY-PTN1206E3321BST1 Datasheet
93Kb / 4P
Commercial Thin Film Chip Resistor, Surface Mount Chip
07-Mar-12
PTN0805E1001BBT1 VISHAY-PTN0805E1001BBT1 Datasheet
93Kb / 4P
Commercial Thin Film Chip Resistor, Surface Mount Chip
07-Mar-12
CH0603-250RJF VISHAY-CH0603-250RJF Datasheet
144Kb / 11P
High Frequency 50 GHz Thin Film Chip Resistor
28-Aug-13
PCAN VISHAY-PCAN Datasheet
94Kb / 5P
High Power Aluminum Nitride, Wraparound Surface Mount,Precision Thin Film Chip Resistor (up to 6 W)
07-Aug-14
PNS VISHAY-PNS Datasheet
93Kb / 3P
Commercial Thin Film Resistor, Surface Mount Chip
07-Aug-14
PTN VISHAY-PTN Datasheet
91Kb / 4P
Commercial Thin Film Chip Resistor,Surface Mount Chip
24-Aug-15
FCHP VISHAY-FCHP Datasheet
127Kb / 5P
High Frequency 60 GHz High Power 1 W Thin Film Surface Mount Chip Resistor
06-Sep-2021
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com