Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP2010 Datasheet(PDF) 8 Page - Mitel Networks Corporation

Part # GP2010
Description  GPS Receiver RF Front End
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

GP2010 Datasheet(HTML) 8 Page - Mitel Networks Corporation

Back Button GP2010 Datasheet HTML 4Page - Mitel Networks Corporation GP2010 Datasheet HTML 5Page - Mitel Networks Corporation GP2010 Datasheet HTML 6Page - Mitel Networks Corporation GP2010 Datasheet HTML 7Page - Mitel Networks Corporation GP2010 Datasheet HTML 8Page - Mitel Networks Corporation GP2010 Datasheet HTML 9Page - Mitel Networks Corporation GP2010 Datasheet HTML 10Page - Mitel Networks Corporation GP2010 Datasheet HTML 11Page - Mitel Networks Corporation GP2010 Datasheet HTML 12Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
GP2010
8
Pin No.
Signal Name
Input/Output
Description
29
RF Input
Input
RF input.
The GPS RF input signal @ 1575.42MHz from an external
antenna with LNA and filter is connected to this pin via an
input-matching network (see fig.4).
33
O/P 1-
Output
Stage 1 mixer output @ 175.42MHz - inverse phase.
One of a balanced output from first stage IF mixer, to which
one input of an external balanced 175MHz bandpass filter is
connected. External dc biasing is required via an inductor
connected to VCC(RF) - the value of which is dependent on the
filter used.
34
O/P 1+
Output
Stage 1 mixer output @ 175.42MHz - true phase.
Second of a balanced output from first stage IF mixer, to which
the second input of an external balanced 175MHz bandpass
filter is connected. External dc biasing is required via an
inductor connected to VCC(RF) - the value of which is dependent
on the filter used.
35
VCC (2)
Input
Positive supply to the Stage 2 IF mixer.
36
I/P 2-
Input
Stage 2 mixer input @ 175.42MHz - inverse phase.
One of a balanced input to the second stage IF mixer, to which
one of the balanced signal outputs from the external 175MHz
bandpass filter is connected.
37
I/P 2+
Input
Stage 2 mixer input @ 175.42MHz - true phase.
Second of a balanced input to the second stage IF mixer, to
which the second of the balanced signal outputs from the
external 175MHz bandpass filter is connected.
38,39
VEE (IF)
Input
Negative supply to the Stage 2 IF mixer, and Stage 3 IF block.
40
O/P 2-
Output
Stage 2 mixer output @ 35.42MHz - inverse phase.
One of a balanced output from second stage IF mixer, to which
one input of an external balanced 35.42MHz bandpass filter is
connected. External dc biasing is required via an Inductor
connected to VCC. (See Note 3)
41
O/P 2+
Output
Stage 2 mixer output @ 35.42MHz - true phase.
Second of a balanced output from second stage IF mixer, to
which the second input of an external balanced 35.42MHz
bandpass filter is connected. External dc biasing is required
via an Inductor connected to VCC. (See Note 3)
42
VCC (3)
Input
Positive supply to the Stage 3 IF mixer.
43
I/P 3-
Input
Stage 3 mixer input @ 35.42MHz - inverse phase.
One of a balanced input to the third stage IF mixer, to which
one of the balanced signal outputs from the external 35.42MHz
bandpass filter is connected. (See Note 3)
44
I/P 3+
Input
Stage 3 mixer input @ 35.42MHz - true phase.
Second of a balanced input to the third stage IF mixer, to which
the second of the balanced signal outputs from the external
35.42MHz bandpass filter is connected. (See Note 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com