Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP2010 Datasheet(PDF) 3 Page - Mitel Networks Corporation

Part # GP2010
Description  GPS Receiver RF Front End
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

GP2010 Datasheet(HTML) 3 Page - Mitel Networks Corporation

  GP2010 Datasheet HTML 1Page - Mitel Networks Corporation GP2010 Datasheet HTML 2Page - Mitel Networks Corporation GP2010 Datasheet HTML 3Page - Mitel Networks Corporation GP2010 Datasheet HTML 4Page - Mitel Networks Corporation GP2010 Datasheet HTML 5Page - Mitel Networks Corporation GP2010 Datasheet HTML 6Page - Mitel Networks Corporation GP2010 Datasheet HTML 7Page - Mitel Networks Corporation GP2010 Datasheet HTML 8Page - Mitel Networks Corporation GP2010 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
GP2010
3
POWER-DOWN CAPABILITY
A power down function is provided on the GP2010, to
limit power consumption. This powers down the majority of
the circuit except the “power-on reset” function (see below).
If the power down feature is not required, the Power-
down input, PDn (pin 17), should be connected to 0V dc
(=Vee/Ground).
POWER-ON RESET FUNCTION
The GP2010 includes a voltage detector which
operates from the digital interface supply. This circuit is used
to produce a TTL logic low output while the GPS receiver
power supply is switching on, and produces a logic high
output when the power supply voltage has achieved a nominal
value. This output can be used to disable the GP2021
correlator while the power supply is switching on. An internal
bandgap reference of approximately +1.21V is compared
with the voltage on a sense pin, PRef (pin 8); when the
voltage on this pin exceeds the reference, a TTL logic high
level appears at the Power-on Reset output, PReset (pin 9).
Thus, if the sense input voltage is derived from an external
resistive divider from the Digital Interface supply, VDD(IO) (pin
16), such that the sense voltage at nominal VCC is VS, then the
supply threshold, Vcc(thresh), at which the PReset output
goes to logic high is:-
For a VCC (nom) of 5.0V, VCC (thresh) may be set to approx.
4.0V, giving VS of 1.5V.
For a VCC (nom) of 3.0V, VCC (thresh) may be set to approx.
2.4V, giving VS of 1.5V.
ADDITIONAL INFORMATION
All the digital inputs and outputs can use a separate
power supply to help prevent digital switching transitions
interacting with the analog sections of the device, and as an
additional precaution, the digital inputs and outputs are on
the opposite side of the device to the critical analog pins.
The IF output is fed to a 2-bit quantiser which provides
sign and magnitude (MSB and LSB) outputs. The magnitude
data controls the AGC loop, such that on average the magnitude
bit is set (high) 30% of the time. The AGC time constant is set
by an external capacitor.
The sign and magnitude data, SIGN (pin 13) and MAG (pin
12), are latched by the rising edge of the sample clock, CLK
(pin 11), which is normally derived from the correlator; the
GP2021 provides a 5.714MHz (=40/7) clock, giving a sampled
IF centred on 1.405MHz.
The Digital Interface circuits use a separate power-supply,
VDD(IO), which would normally be shared with the correlator to
minimise crosstalk between the analog and digital sections of
the device.
ON-CHIP PHASE-LOCKED LOOP SYNTHESISER
All of the local oscillator signals are derived from an on
chip phase locked loop synthesiser. This includes a 1400MHz
VCO complete with on-chip tank circuit, dividers and phase
detector, with external loop filter components. A 10.000MHz
reference frequency is required for the PLL. This can be
achieved by attaching an external 10.000MHz crystal to the
on-chip PLL reference oscillator (see figure 5). However in
most applications the user will need an external source, such
as a TCXO, to provide greater frequency stability (see figure
6). An external reference should be ac coupled to REF2 (pin
24); REF 1 (pin 25) should be left open circuit.
The three local oscillator signals 1400MHz, 140.0MHz
and 31.11MHz are derived from the 1400MHz synthesiser
output. The synthesiser also provides a 40 MHz balanced
differential output clock (pins 14 & 15) which can be used to
clock the GP2021 correlator. The clock is a low level differential
signal which helps minimise interference with the analog
areas of the circuit. A PLL lock-detect output, LD (pin 19), is
also provided, which is logic high when the PLL is phase-
locked to the 10.000MHz reference signal.
The VCO power-supply incorporates an on-chip
regulator to improve the noise-immunity of the PLL. This
feature is only available when operating with a 5 volt (nominal)
supply which is regulated to 3.3 volts internally. This internal
regulated supply is referenced to VCC(OSC) (pin 5). Figure 7
shows the required connections for both 3 volt and 5 volt
operation.
A further feature of the circuit is the TEST input (pin 18).
When this input is held high the PLL is unlocked with the VCO
at its maximum frequency.
VS = VCC (nom) x 1.21
VCC (thresh)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com