Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP2010 Datasheet(PDF) 5 Page - Mitel Networks Corporation

Part # GP2010
Description  GPS Receiver RF Front End
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

GP2010 Datasheet(HTML) 5 Page - Mitel Networks Corporation

  GP2010 Datasheet HTML 1Page - Mitel Networks Corporation GP2010 Datasheet HTML 2Page - Mitel Networks Corporation GP2010 Datasheet HTML 3Page - Mitel Networks Corporation GP2010 Datasheet HTML 4Page - Mitel Networks Corporation GP2010 Datasheet HTML 5Page - Mitel Networks Corporation GP2010 Datasheet HTML 6Page - Mitel Networks Corporation GP2010 Datasheet HTML 7Page - Mitel Networks Corporation GP2010 Datasheet HTML 8Page - Mitel Networks Corporation GP2010 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
GP2010
5
MHz
MHz
V
MHz/V
V/rad
V pk-pk
k
Ω
ms
dB
V
V
µA
µA
V
V
ns
V
V
mV p-p
%
V
V
V
µA
(Note 4)
(Note 7)
Pin 24
(Note 11)
From Power up (Note 7)
(Note 7)
Pins 11, 17, 18
VIH = VDD
VIL = VEE
Pins 13, 12
IO = -0.5mA
IO = 0.5mA
CL = 15pF, RL = 15k
Ω (Note 7)
Pins 14 & 15
(Note 5)
CL = 15pF (GND) (Note 7)
CL = 5pF (Diff) (Note 7)
(Note 7)
Pins 19 and 9
IO = 0.5mA
IO = -10µA
Pin 8
1386
3.5
240
1.2
VDD
0.5
10
0.5
VDD-0.8
0.5
1.35
10
Characteristic
Value
Typ.
Max.
Min.
3.3
150
5.3
0.6
5
6
150
20
VDD-1
VOH-0.1
220
43
0.2
VDD
Conditions
Units
1414
3
50
0.1
2
0
-300
VDD-1
VDD-1.25
VDD-1
1.1
-10
VCO Maximum Lock Frequency
VCO Minimum Lock Frequency
VCO regulator output voltage
VCO Gain
Phase Detector Gain
10MHz Reference Input
10MHz Reference Input Impedance
PLL Lockup Time
PLL Loop Gain
DIGITAL INTERFACES
Sample Clock, Power Down,
Test Inputs.
VIH
VIL
Input Current High IIH
Input Current Low IIL
Sign/Mag Outputs
VOH
VOL
Sample Clock to Sign/Mag Delay
40MHz Clock Output
High Level (VOH)
Low Level (VOL)
Output (differential)
Duty Cycle
LD (PLL Lock)/PReset Outputs
Low Level (VOL)
High Level (VOH)
Power-on Reset comparator input
Power Reset Reference Level
Power Reset Reference Input Current
Notes On Electrical Characteristics:- All RF measurements are made with appropriate matching to the input or output
impedances, such as balun transformers, and levels refer to matched 50ohm ports (see figure 3 for test circuit)
1.
RF input impedance (series) without input matching components connected - expressed as Real impedance with reactive
inductor value. Measured at 1575.42MHz.
2.
Input matched to 50ohm, output loaded wlth 600ohms differential
3.
Maximum Stage 3 input signal amplitude for correct AGC operation = 20mV rms.
4.
VCO regulator voltage measured with respect to Vcc (OSC) - pin 5.
5.
OPCLK outputs are differential and are referenced to VDD.
6.
Minimum gain requirement expressions:
-7dBm < -174dBm/Hz + 19dB + G1 + G2 + G3 - 21dB + 63dB
where -7dBm = typical IF Output level with AGC active (equivalent to 100mV rms)
-174dBm/Hz = background noise level at RF input
19dB = sum of LNA gain and noise figure
-21dB = total loss in 175MHz and 35MHz filters
63dB = summation of noise over a 2MHz bandwidth
Rearranging the above expression gives G1 + G2 + G3 > 106dB.
7.
This parameter is not production tested.
8.
This impedance is toleranced at +/-30% and is not production tested.
9.
Roll off occurs in on-chip capacitive coupling IF Output to input of ADC circuit. Not measurable at IF Output.
10. CW input on pins 43 & 44 of 35.42MHz at 7mV rms.
11. This input impedance applies to the typical input level. The impedance is level dependent and is not tested or guaranteed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com