Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP2010 Datasheet(PDF) 7 Page - Mitel Networks Corporation

Part # GP2010
Description  GPS Receiver RF Front End
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

GP2010 Datasheet(HTML) 7 Page - Mitel Networks Corporation

Back Button GP2010 Datasheet HTML 3Page - Mitel Networks Corporation GP2010 Datasheet HTML 4Page - Mitel Networks Corporation GP2010 Datasheet HTML 5Page - Mitel Networks Corporation GP2010 Datasheet HTML 6Page - Mitel Networks Corporation GP2010 Datasheet HTML 7Page - Mitel Networks Corporation GP2010 Datasheet HTML 8Page - Mitel Networks Corporation GP2010 Datasheet HTML 9Page - Mitel Networks Corporation GP2010 Datasheet HTML 10Page - Mitel Networks Corporation GP2010 Datasheet HTML 11Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
GP2010
7
Pin No.
Signal Name
Input/Output
Description
17
PDn
Input
Power-Down control input.
A TTL compatible input, which when set to logic high, will
disable ALL of the GP2010 functions, except the power-on
reset block. Useful to reduce the total power consumption of
the GP2010. If this feature is not required, the pin should be
connected to 0V (VEE/GND).
18
TEST
Input
Test control input - Disable PLL.
A TTL compatible input, which when set to logic high, will
disable the on-chip PLL, by disconnecting the divided-down
VCO signal to the phase-detector. The VCO will free run at its
upper range of frequency operation. If this feature is not
required, the pin should be connected to 0V (VEE/GND).
19
LD
Output
PLL Lock Detect output.
A TTL compatible output, which indicates if the PLL is phase-
locked to the PLL reference oscillator. Will become logic high
only when phase-lock is achieved.
20
VEE (DIG)
Input
Negative supply to the PLL and A to D converter.
21
AGC-
Output
AGC Capacitor output - inverse phase.
One side of a balanced output from the AGC block within IF
Stage 3, to which an external capacitor is connected to set the
AGC time-constant.
22
AGC+
Output
AGC Capacitor output - true phase.
One side of a balanced output from the AGC block within IF
Stage 3, to which an external capacitor is connected to set the
AGC time-constant.
23
VCC (DIG)
Input
Positive supply to the PLL and A to D converter.
24
REF 2
Input
10.000MHz PLL Reference signal input .
Input to which an externally generated 10.000MHz PLL
reference signal should be ac coupled, if an external PLL
reference frequency source (e.g TCXO) is used (see fig. 6).
If no external reference is used, this pin forms part of the on-
chip PLL reference oscillator, in conjunction with an external
10.000MHz crystal (see fig. 5).
25
REF 1
Input
PLL reference oscillator auxillary connection.
Used in conjunction with Pin 24 (REF 2) to allow a 10.000MHz
external crystal to provide the PLL reference signal if no
external PLL reference frequency source (e.g TCXO) is used.
This pin should NOT be connected if an external TCXO is
being used (see fig. 5).
26, 32
VCC (RF)
Input
Positive supply to the RF input and Stage 1 IF mixer.
Both pins 26 & 32 (VCC (RF)) are connected internally, but
must both be connected to VCC externally, to keep series
inductance to a minimum.
27, 28,
VEE (RF)
Input
Negative supply to the RF input and Stage 1 IF mixer.
30, 31
Pins 27, 28, 30 & 31 are all connected internally, but must ALL
be connected to 0V (VEE/GND) externally, to keep series
inductance to a minimum.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com