Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM3P2811B Datasheet(PDF) 1 Page - ON Semiconductor

Part # ASM3P2811B
Description  Low Power EMI Reduction IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASM3P2811B Datasheet(HTML) 1 Page - ON Semiconductor

  ASM3P2811B Datasheet HTML 1Page - ON Semiconductor ASM3P2811B Datasheet HTML 2Page - ON Semiconductor ASM3P2811B Datasheet HTML 3Page - ON Semiconductor ASM3P2811B Datasheet HTML 4Page - ON Semiconductor ASM3P2811B Datasheet HTML 5Page - ON Semiconductor ASM3P2811B Datasheet HTML 6Page - ON Semiconductor ASM3P2811B Datasheet HTML 7Page - ON Semiconductor ASM3P2811B Datasheet HTML 8Page - ON Semiconductor ASM3P2811B Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© Semiconductor Components Industries, LLC, 2011
August, 2011 − Rev. 3
1
Publication Order Number:
ASM3P2811A/D
ASM3P2811A/B,
ASM3P2812A/B,
ASM3P2814A/B
Low Power EMI Reduction IC
Description
The ASM3P28XX devices are versatile spread spectrum frequency
modulators designed specifically for a wide range of input clock
frequencies from 10 MHz to 40 MHz. Refer to Input/Output
Frequency Range Selection Table. The ASM3P28XX can generate an
EMI reduced clock from crystal, ceramic resonator, or system clock.
The ASM3P28XX−A and the ASM3P28XX−B offer various
combinations of spread options and percentage deviations. Refer to
Frequency Deviation and Spread Selection Table. These combinations
include Down and Center Spread, and percentage deviation range
from
±0.625% to −3.5%.
The ASM3P28XX reduces electromagnetic interference (EMI) at
the clock source, allowing system wide reduction of EMI of down
stream clock and data dependent signals. The ASM3P28XX allows
significant system cost savings by reducing the number of circuit
board layers, ferrite beads, shielding, and other passive components
that are traditionally required to pass EMI regulations.
The ASM3P28XX modulates the output of a single PLL in order to
“spread” the bandwidth of a synthesized clock, and more importantly,
decreases the peak amplitudes of its harmonics. This results in
significantly lower system EMI compared to the typical narrow band
signal produced by oscillators and most frequency generators.
Lowering EMI by increasing a signal’s bandwidth is called ‘spread
spectrum clock generation.’
The ASM3P28XX uses the most efficient and optimized
modulation profile approved by the FCC and is implemented in a
proprietary all−digital method.
Applications
The ASM3P28XX is targeted towards EMI management for memory and LVDS interfaces in mobile graphic chipsets and
high−speed digital applications such as PC peripheral devices, consumer electronics, and embedded controller systems.
Features
• FCC Approved Method of EMI Attenuation
• Provides up to 15 dB EMI Reduction
• Generates a 1x, 2x and 4x Low EMI Spread Spectrum
Clock of the Input Frequency
♦ 1x: ASM3P2811A/B
♦ 2x: ASM3P2812A/B
♦ 4x: ASM3P2814A/B
• Optimized for Input Frequency Range from 10 MHz to
40 MHz
• Internal Loop Filter Minimizes External Components
and Board Space
• Selectable Spread Options:
♦ Down Spread and Center Spread
• 8 Frequency Deviation Selections:
♦
±0.625% to −3.5%
• Low Inherent Cycle−to−Cycle Jitter
• 3.3 V Operating Voltage
• CMOS/TTL Compatible Inputs and Outputs
• Pin−out Compatible with Cypress CY25811, CY25812
and CY25814
• Commercial and Industrial Temperature Range
• Available in 8−pin SOIC and TSSOP Packages
• These Devices are Pb−Free, Halogen Free/BFR Free
and are RoHS Compliant
http://onsemi.com
SOIC−8
S SUFFIX
CASE 751BD
PIN CONFIGURATION
(Top View)
See detailed ordering and shipping information in the package
dimensions section on page 7 of this data sheet.
ORDERING INFORMATION
XOUT
VDD
FRS
ModOUT
VSS
D_C
XIN / CLKIN
1
SRS
TSSOP−8
T SUFFIX
CASE 948AL


Similar Part No. - ASM3P2811B

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM3P2811B ALSC-ASM3P2811B Datasheet
159Kb / 8P
Low Power EMI Reduction IC
logo
PulseCore Semiconductor
ASM3P2811B PULSECORE-ASM3P2811B Datasheet
450Kb / 11P
Low Power EMI Reduction IC
ASM3P2811B PULSECORE-ASM3P2811B Datasheet
156Kb / 11P
Low Power EMI Reduction IC
ASM3P2811BF-08SR PULSECORE-ASM3P2811BF-08SR Datasheet
450Kb / 11P
Low Power EMI Reduction IC
ASM3P2811BF-08SR PULSECORE-ASM3P2811BF-08SR Datasheet
156Kb / 11P
Low Power EMI Reduction IC
More results

Similar Description - ASM3P2811B

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM3P2109A ALSC-ASM3P2109A Datasheet
160Kb / 7P
Low Power EMI Reduction IC
ASM3P2811A ALSC-ASM3P2811A Datasheet
159Kb / 8P
Low Power EMI Reduction IC
ASM3P2821B ALSC-ASM3P2821B Datasheet
174Kb / 7P
Low Power EMI Reduction IC
ASM3P5821A ALSC-ASM3P5821A Datasheet
173Kb / 7P
Low Power EMI Reduction IC
P2010A ALSC-P2010A Datasheet
457Kb / 9P
Low Frequency EMI Reduction IC
P2811 ALSC-P2811 Datasheet
382Kb / 8P
Low-Power EMI Reduction IC
logo
PulseCore Semiconductor
ASM3P2811A PULSECORE-ASM3P2811A Datasheet
450Kb / 11P
Low Power EMI Reduction IC
ASM3P2811A PULSECORE-ASM3P2811A_1 Datasheet
156Kb / 11P
Low Power EMI Reduction IC
PCS3P2537A PULSECORE-PCS3P2537A Datasheet
278Kb / 7P
Low Power Peak EMI Reduction IC
logo
ON Semiconductor
P2811A ONSEMI-P2811A Datasheet
136Kb / 6P
Low Power EMI Reduction IC
JUNE 2011 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com