Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM3P2811B Datasheet(PDF) 2 Page - ON Semiconductor

Part # ASM3P2811B
Description  Low Power EMI Reduction IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASM3P2811B Datasheet(HTML) 2 Page - ON Semiconductor

  ASM3P2811B Datasheet HTML 1Page - ON Semiconductor ASM3P2811B Datasheet HTML 2Page - ON Semiconductor ASM3P2811B Datasheet HTML 3Page - ON Semiconductor ASM3P2811B Datasheet HTML 4Page - ON Semiconductor ASM3P2811B Datasheet HTML 5Page - ON Semiconductor ASM3P2811B Datasheet HTML 6Page - ON Semiconductor ASM3P2811B Datasheet HTML 7Page - ON Semiconductor ASM3P2811B Datasheet HTML 8Page - ON Semiconductor ASM3P2811B Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ASM3P2811A/B, ASM3P2812A/B, ASM3P2814A/B
http://onsemi.com
2
Figure 1. Block Diagram
VDD
PLL
VCO
VSS
ModOUT
Loop
Filter
Output
Divider
Crystal
Oscillator
XOUT
XIN / CLKIN
Phase
Detector
D_C SRS FRS
Modulation
Frequency
Divider
Feedback
Divider
Table 1. PIN DESCRIPTION
Pin#
Pin Name
Type
Description
1
XIN / CLKIN
I
Crystal connection or external Clock input.
2
VSS
P
Ground to entire chip.
3
D_C
I
Digital logic input used to select Down (LOW) or Center (HIGH) spread options.
(Refer to Frequency Deviation and Spread Selection Table).
This pin has an internal pull−up resistor.
4
SRS
I
Spread range select. Digital logic input used to select frequency deviation
(Refer to Frequency Deviation and Spread Selection Table).
This pin has an internal pull−up resistor.
5
ModOUT
O
Spread spectrum clock output
6
FRS
I
Frequency range select. Digital logic input used to select Input frequency range
(Refer to Input/Output Frequency Range Selection Table).
This pin has an internal pull−up resistor.
7
VDD
P
Power supply for the entire chip.
8
XOUT
O
Crystal connection. If using an external reference, this pin must be left unconnected.
Table 2. INPUT/OUTPUT FREQUENCY RANGE SELECTION
FRS (pin 6)
Part Number
Modulation Rate
ASM3P2811 (1x)
ASM3P2812 (2x)
ASM3P2814 (4x)
Input
(MHz)
Output
(MHz)
Input
(MHz)
Output
(MHz)
Input
(MHz)
Output
(MHz)
0
10−20
10−20
10−20
20−40
10−20
40−80
Input Frequency / 448
1
20−40
20−40
20−40
40−80
20−40
80−160
Input Frequency / 896



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com