Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM3P2811B Datasheet(PDF) 3 Page - ON Semiconductor

Part # ASM3P2811B
Description  Low Power EMI Reduction IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASM3P2811B Datasheet(HTML) 3 Page - ON Semiconductor

  ASM3P2811B Datasheet HTML 1Page - ON Semiconductor ASM3P2811B Datasheet HTML 2Page - ON Semiconductor ASM3P2811B Datasheet HTML 3Page - ON Semiconductor ASM3P2811B Datasheet HTML 4Page - ON Semiconductor ASM3P2811B Datasheet HTML 5Page - ON Semiconductor ASM3P2811B Datasheet HTML 6Page - ON Semiconductor ASM3P2811B Datasheet HTML 7Page - ON Semiconductor ASM3P2811B Datasheet HTML 8Page - ON Semiconductor ASM3P2811B Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ASM3P2811A/B, ASM3P2812A/B, ASM3P2814A/B
http://onsemi.com
3
Table 3. OUTPUT FREQUENCY DEVIATION AND SPREAD SELECTION
Part Number
D_C (pin 3)
SRS (pin 4)
Frequency Deviation (%) (Note 1)
FS = 0
FS = 1
10/20/40 (MHz)
20/40/80 (MHz)
20/40/80 (MHz)
40/80/160 (MHz)
ASM3P28XXA
0
0
−3
−2.5
−2.7
−2.6
0
1
−3.7
−3.4
−3.8
−3.6
1
0
±1.5
±1.2
±1.5
±1.3
1
1
±1.8
±1.6
±1.9
±1.8
ASM3P28XXB
0
0
−1.7
−1.0
−1.5
−1.4
0
1
−2.0
−1.5
−2.0
−1.9
1
0
±0.75
±0.6
±0.8
±0.7
1
1
±1.0
±0.75
±1.0
±0.9
1. Frequency Deviation given in the table is for the Output Frequency Range covering ASM3P2811x / 12x / 14x.
Table 4. ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Rating
Unit
VDD, VIN
Voltage on any pin with respect to Ground
−0.5 to +4.6
V
TSTG
Storage temperature
−65 to +125
°C
Ts
Max. Soldering Temperature (10 sec)
260
°C
TJ
Junction Temperature
150
°C
TDV
Static Discharge Voltage (As per JEDEC STD 22− A114−B)
2
KV
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
Table 5. OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VDD
Voltage on any pin with respect to GND
3.0
3.6
V
TA
Operating temperature
−40
+85
°C
CL
Load Capacitance
10
pF
CIN
Input Capacitance
7
pF



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com