Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM3P2811B Datasheet(PDF) 4 Page - ON Semiconductor

Part # ASM3P2811B
Description  Low Power EMI Reduction IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASM3P2811B Datasheet(HTML) 4 Page - ON Semiconductor

  ASM3P2811B Datasheet HTML 1Page - ON Semiconductor ASM3P2811B Datasheet HTML 2Page - ON Semiconductor ASM3P2811B Datasheet HTML 3Page - ON Semiconductor ASM3P2811B Datasheet HTML 4Page - ON Semiconductor ASM3P2811B Datasheet HTML 5Page - ON Semiconductor ASM3P2811B Datasheet HTML 6Page - ON Semiconductor ASM3P2811B Datasheet HTML 7Page - ON Semiconductor ASM3P2811B Datasheet HTML 8Page - ON Semiconductor ASM3P2811B Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ASM3P2811A/B, ASM3P2812A/B, ASM3P2814A/B
http://onsemi.com
4
Table 6. DC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Min
Typ
Max
Unit
VIL
Input low voltage
VSS−0.3
0.8
V
VIH
Input high voltage
2
VDD+0.3
V
IIL
Input low current
(Inputs D_C, SRS and FRS are pulled high internally)
−50
mA
IIH
Input high current
50
mA
IXOL
XOUT Output low current (VXOL @ 0.4 V, VDD = 3.3 V)
3
mA
IXOH
XOUT Output high current (VXOH @ 2.5 V, VDD = 3.3 V)
3
mA
VOL
Output low voltage (VDD = 3.3 V, IOL = 5 mA)
0.4
V
VOH
Output high voltage (VDD = 3.3 V, IOH = −5 mA)
2.5
V
ICC
Dynamic supply current (Unloaded Output)
8
18
mA
IDD
Static supply current, Standby mode (CLKIN pulled to GND)
4.5
mA
VDD
Operating voltage
3.0
3.3
3.6
V
tON
Power up time (first locked clock cycle after power up)
500
mS
ZOUT
Clock out impedance
76
W
Table 7. AC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Min
Typ
Max
Unit
fIN
Input frequency for ASM3P2811/12/13/14 A/B
10
40
MHz
fOUT
Output frequency for ASM3P2811A/B
10
40
MHz
Output frequency for ASM3P2812A/B
20
80
MHz
Output frequency for ASM3P2814A/B
40
160
MHz
tLH (Note 2)
Output rise time (measured at 0.8 V to 2.0 V)
0.5
0.9
1.2
nS
tHL (Note 2)
Output fall time (measured at 2.0 V to 0.8 V)
0.8
1.0
1.3
nS
tJC
Cycle−to−Cycle Jitter (Unloaded Output)
±250
pS
tD
Output duty cycle
45
50
55
%
2. tLH and tHL are measured into a capacitive load of 10 pF.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com