Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT8880CS Datasheet(PDF) 13 Page - Mitel Networks Corporation

Part # MT8880CS
Description  ISO2-CMOS Integrated DTMFTransceiver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8880CS Datasheet(HTML) 13 Page - Mitel Networks Corporation

Back Button MT8880CS Datasheet HTML 9Page - Mitel Networks Corporation MT8880CS Datasheet HTML 10Page - Mitel Networks Corporation MT8880CS Datasheet HTML 11Page - Mitel Networks Corporation MT8880CS Datasheet HTML 12Page - Mitel Networks Corporation MT8880CS Datasheet HTML 13Page - Mitel Networks Corporation MT8880CS Datasheet HTML 14Page - Mitel Networks Corporation MT8880CS Datasheet HTML 15Page - Mitel Networks Corporation MT8880CS Datasheet HTML 16Page - Mitel Networks Corporation MT8880CS Datasheet HTML 17Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
ISO2-CMOS
MT8880C/MT8880C-1
4-45
* Exceeding these values may cause permanent damage. Functional operation under these conditions is not implied.
‡ Typical figures are at 25 °C and for design aid only: not guaranteed and not subject to production testing.
† Characteristics are over recommended operating conditions unless otherwise stated.
‡ Typical figures are at 25 °C, VDD =5V and for design aid only: not guaranteed and not subject to production testing.
Absolute Maximum Ratings*
Parameter
Symbol
Min
Max
Units
1
Power supply voltage VDD-VSS
VDD
6V
2
Voltage on any pin
VI
VSS-0.3
VDD+0.3
V
3
Current at any pin (Except VDD and VSS)10
mA
4
Storage temperature
TST
-65
+150
°C
5
Package power dissipation
PD
1000
mW
Recommended Operating Conditions - Voltages are with respect to ground (VSS) unless otherwise stated.
Parameter
Sym
Min
Typ‡
Max
Units
Test Conditions
1
Positive power supply
VDD
4.75
5.00
5.25
V
2
Operating temperature
TO
-40
+85
°C
3
Crystal clock frequency
fCLK
3.575965
3.579545
3.583124
MHz
DC Electrical Characteristics† - VSS=0 V.
Characteristics
Sym
Min
Typ‡
Max
Units
Test Conditions
1
S
U
P
Operating supply voltage
VDD
4.75
5.0
5.25
V
2
Operating supply current
IDD
7.0
11
mA
3
Power consumption
PC
57.8
mW
4
I
N
P
U
T
S
High level input voltage
(OSC1)
VIHO
3.5
V
5
Low level input voltage
(OSC1)
VILO
1.5
V
6
Steering threshold voltage
VTSt
2.2
2.3
2.5
V
VDD=5V
7
O
U
T
P
U
T
S
Low level output voltage
(OSC2)
VOLO
0.1
V
No load
8
High level output voltage
(OSC2)
VOHO
4.9
V
No load
VDD=5 V
9
Output leakage current
(IRQ)
IOZ
110
µAVOH=2.4 V
10
VRef output voltage
VRef
2.4
2.5
2.6
V
No load, VDD=5V
11
VRef output resistance
ROR
1.3
k
Ω
12
D
i
g
i
t
a
l
Low level input voltage
VIL
0.8
V
13
High level input voltage
VIH
2.0
V
14
Input leakage current
IIZ
10
µAVIN=VSS to VDD
15
Data
Bus
Source current
IOH
-1.4
-6.6
mA
VOH=2.4V
16
Sink current
IOL
2.0
4.0
mA
VOL=0.4V
17
ESt
and
St/Gt
Source current
IOH
-0.5
-3.0
mA
VOH=4.6V
18
Sink current
IOL
24
mA
VOL=0.4V
19
IRQ/
CP
Sink current
IOL
416
mA
VOL=0.4V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com