Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT8880CS Datasheet(PDF) 4 Page - Mitel Networks Corporation

Part # MT8880CS
Description  ISO2-CMOS Integrated DTMFTransceiver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8880CS Datasheet(HTML) 4 Page - Mitel Networks Corporation

  MT8880CS Datasheet HTML 1Page - Mitel Networks Corporation MT8880CS Datasheet HTML 2Page - Mitel Networks Corporation MT8880CS Datasheet HTML 3Page - Mitel Networks Corporation MT8880CS Datasheet HTML 4Page - Mitel Networks Corporation MT8880CS Datasheet HTML 5Page - Mitel Networks Corporation MT8880CS Datasheet HTML 6Page - Mitel Networks Corporation MT8880CS Datasheet HTML 7Page - Mitel Networks Corporation MT8880CS Datasheet HTML 8Page - Mitel Networks Corporation MT8880CS Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
MT8880C/MT8880C-1 ISO2-CMOS
4-36
Steering Circuit
Before registration of a decoded tone pair, the
receiver checks for a valid signal duration (referred
to as character recognition condition). This check is
performed by an external RC time constant driven by
ESt. A logic high on ESt causes vc (see Figure 5) to
rise as the capacitor discharges. Provided that the
signal condition is maintained (ESt remains high) for
the validation period (tGTP), vc reaches the threshold
(VTSt) of the steering logic to register the tone pair,
latching its corresponding 4-bit code (see Figure 7)
into the Receive Data Register. At this point the GT
output is activated and drives vc to VDD. GT
continues to drive high as long as ESt remains high.
Finally, after a short delay to allow the output latch to
settle, the delayed steering output flag goes high,
signalling that a received tone pair has been
registered. The status of the delayed steering flag
can be monitored by checking the appropriate bit in
the status register. If Interrupt mode has been
selected, the IRQ/CP pin will pull low when
the
delayed steering flag is active.
The contents of the output latch are updated on an
active delayed steering transition. This data is
presented to the four bit bidirectional data bus when
the Receive Data Register is read. The steering
circuit works in reverse to validate the interdigit
pause between signals. Thus, as well as rejecting
signals too short to be considered valid, the receiver
will tolerate signal interruptions (drop out) too short
to be considered a valid pause. This facility, together
with the capability of selecting the steering time
constants externally, allows the designer to tailor
performance to meet a wide variety of system
requirements.
Figure 5 - Basic Steering Circuit
VDD
VDD
St/GT
ESt
C1
Vc
R1
MT8880C/C-1
tGTA = (R1C1) In (VDD / VTSt)
tGTP = (R1C1) In [VDD / (VDD-VTSt)]
Guard Time Adjustment
The simple steering circuit shown in Figure 5 is
adequate for most applications. Component values
are chosen according to the formula:
tREC = tDP+tGTP
tID=tDA+tGTA
The value of tDP is a device parameter (see AC
Electrical Characteristics) and tREC is the minimum
signal duration to be recognized by the receiver. A
value for C1 of 0.1 µF is recommended for most
applications, leaving R1 to be selected by the
designer. Different steering arrangements may be
used to select independently the guard times for tone
present (tGTP) and tone absent (tGTA). This may be
necessary to meet system specifications which place
both accept and reject limits on both tone duration
and interdigital pause. Guard time adjustment also
allows the designer to tailor system parameters such
as talk off and noise immunity.
Figure 6 - Guard Time Adjustment
VDD
St/GT
ESt
VDD
St/GT
ESt
C1
R1
R2
C1
R1
R2
tGTA = (R1C1) In (VDD/VTSt)
tGTP = (RPC1) In [VDD / (VDD-VTSt)]
RP = (R1R2) / (R1 + R2)
tGTA = (RpC1) In (VDD/VTSt)
tGTP = (R1C1) In [VDD / (VDD-VTSt)
RP = (R1R2) / (R1 + R2)
a) decreasing tGTP; (tGTP < tGTA)
b) decreasing tGTA; (tGTP > tGTA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com