Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT8880CS Datasheet(PDF) 7 Page - Mitel Networks Corporation

Part # MT8880CS
Description  ISO2-CMOS Integrated DTMFTransceiver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8880CS Datasheet(HTML) 7 Page - Mitel Networks Corporation

Back Button MT8880CS Datasheet HTML 3Page - Mitel Networks Corporation MT8880CS Datasheet HTML 4Page - Mitel Networks Corporation MT8880CS Datasheet HTML 5Page - Mitel Networks Corporation MT8880CS Datasheet HTML 6Page - Mitel Networks Corporation MT8880CS Datasheet HTML 7Page - Mitel Networks Corporation MT8880CS Datasheet HTML 8Page - Mitel Networks Corporation MT8880CS Datasheet HTML 9Page - Mitel Networks Corporation MT8880CS Datasheet HTML 10Page - Mitel Networks Corporation MT8880CS Datasheet HTML 11Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
ISO2-CMOS
MT8880C/MT8880C-1
4-39
Burst Mode
In certain telephony applications it is required that
DTMF signals being generated are of a specific
duration
determined
either
by
the
particular
application or by any one of the exchange transmitter
specifications currently existing. Standard DTMF
signal timing can be accomplished by making use of
the Burst Mode. The transmitter is capable of issuing
symmetric bursts/pauses of predetermined duration.
This burst/pause duration is 51 ms±1 ms which is a
standard interval for autodialer and central office
applications. After the burst/pause has been issued,
the appropriate bit is set in the Status Register
indicating that the transmitter is ready for more data.
The timing described above is available when DTMF
mode has been selected. However, when CP mode
(Call Progress mode) is selected, a second burst/
pause
time of 102 ms ±2 ms is available. This
extended interval is useful when precise tone bursts
of longer than 51 ms duration and 51 ms pause are
desired. Note that when CP mode and Burst mode
have been selected, DTMF tones may be transmitted
only and
not received.
In applications where a non-standard burst/pause
duration is required, burst mode must be disabled
and the transmitter gated on and off by an external
hardware or software timer.
Single Tone Generation
A single tone mode is available whereby individual
tones from the low group or high group can be
generated. This mode can be used for DTMF test
equipment
applications,
acknowledgment
tone
generation and distortion measurements. Refer to
Control Register B description for details.
Distortion Calculations
The MT8880C/C-1 is capable of producing precise
tone bursts with minimal error in frequency (see
Table 1). The internal summing amplifier is followed
by a first-order lowpass switched capacitor filter to
minimize harmonic components and intermodulation
products. The total harmonic distortion for a
single
tone can be calculated using Equation 1, which is the
ratio of the total power of all the extraneous
frequencies
to
the
power
of
the
fundamental
frequency expressed as a percentage. The Fourier
components of the tone output correspond to V2f....
Vnf as measured on the output waveform. The total
harmonic distortion for a
dual tone can be calculated
Figure 11 - Description of Timing Events
EXPLANATION OF EVENTS
A)
TONE BURSTS DETECTED, TONE DURATION INVALID, RX DATA REGISTER NOT UPDATED.
B)
TONE #n DETECTED, TONE DURATION VALID, TONE DECODED AND LATCHED IN RX DATA REGISTER.
C)
END OF TONE #n DETECTED, TONE ABSENT DURATION VALID, INFORMATION IN RX DATA REGISTER
RETAINED UNTIL NEXT VALID TONE PAIR.
D)
TONE #n+1 DETECTED, TONE DURATION VALID, TONE DECODED AND LATCHED IN RX DATA REGISTER.
E)
ACCEPTABLE DROPOUT OF TONE #n+1, TONE ABSENT DURATION INVALID, DATA REMAINS UNCHANGED.
F)
END OF TONE #n+1 DETECTED, TONE ABSENT DURATION VALID, INFORMATION IN RX DATA REGISTER
RETAINED UNTIL NEXT VALID TONE PAIR.
EXPLANATION OF SYMBOLS
Vin
DTMF COMPOSITE INPUT SIGNAL.
ESt
EARLY STEERING OUTPUT. INDICATES DETECTION OF VALID TONE FREQUENCIES.
St/GT
STEERING INPUT/GUARD TIME OUTPUT. DRIVES EXTERNAL RC TIMING CIRCUIT.
RX0-RX3 4-BIT DECODED DATA IN RECEIVE DATA REGISTER
b3
DELAYED STEERING. INDICATES THAT VALID FREQUENCIES HAVE BEEN PRESENT/ABSENT FOR THE
REQUIRED GUARD TIME THUS CONSTITUTING A VALID SIGNAL. ACTIVE LOW FOR THE DURATION OF A
VALID DTMF SIGNAL.
b2
INDICATES THAT VALID DATA IS IN THE RECEIVE DATA REGISTER. THE BIT IS CLEARED AFTER THE STATUS
REGISTER IS READ.
IRQ/CP INTERRUPT IS ACTIVE INDICATING THAT NEW DATA IS IN THE RX DATA REGISTER. THE INTERRUPT IS
CLEARED AFTER THE STATUS REGISTER IS READ.
tREC
MAXIMUM DTMF SIGNAL DURATION NOT DETECTED AS VALID.
tREC
MINIMUM DTMF SIGNAL DURATION REQUIRED FOR VALID RECOGNITION.
tID
MINIMUM TIME BETWEEN VALID SEQUENTIAL DTMF SIGNALS.
tDO
MAXIMUM ALLOWABLE DROPOUT DURING VALID DTMF SIGNAL.
tDP
TIME TO DETECT VALID FREQUENCIES PRESENT.
tDA
TIME TO DETECT VALID FREQUENCIES ABSENT.
tGTP
GUARD TIME, TONE PRESENT.
tGTA
GUARD TIME, TONE ABSENT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com