Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT8880CS Datasheet(PDF) 5 Page - Mitel Networks Corporation

Part # MT8880CS
Description  ISO2-CMOS Integrated DTMFTransceiver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8880CS Datasheet(HTML) 5 Page - Mitel Networks Corporation

  MT8880CS Datasheet HTML 1Page - Mitel Networks Corporation MT8880CS Datasheet HTML 2Page - Mitel Networks Corporation MT8880CS Datasheet HTML 3Page - Mitel Networks Corporation MT8880CS Datasheet HTML 4Page - Mitel Networks Corporation MT8880CS Datasheet HTML 5Page - Mitel Networks Corporation MT8880CS Datasheet HTML 6Page - Mitel Networks Corporation MT8880CS Datasheet HTML 7Page - Mitel Networks Corporation MT8880CS Datasheet HTML 8Page - Mitel Networks Corporation MT8880CS Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
ISO2-CMOS
MT8880C/MT8880C-1
4-37
Increasing tREC improves talk-off performance since
it reduces the probability that tones simulated by
speech will maintain a valid signal condition long
enough to be registered. Alternatively, a relatively
short tREC with a long tDO would be appropriate for
extremely noisy environments where fast acquisition
time and immunity to tone drop-outs are required.
Design information for guard time adjustment is
shown in Figure 6. The receiver timing is shown in
Figure 9 with a description of the events in Figure 11.
Call Progress Filter
A call progress mode, using the MT8880C/C-1, can
be selected allowing the detection of various tones
which identify the progress of a telephone call on the
network.
The call progress tone input and DTMF
input are common, however, call progress tones can
only be detected when CP mode has been selected.
DTMF signals cannot be detected if CP mode has
been selected (see Table 5). Figure 8 indicates the
useful detect
bandwidth of the call progress filter.
Frequencies presented to the input, which are within
the ‘accept’
bandwidth limits of the filter, are hard-
limited by a high gain comparator with the IRQ/CP
pin serving as the output. The squarewave output
obtained from the schmitt trigger can be analyzed by
a
microprocessor
or
counter
arrangement
to
determine the nature of the call progress tone being
detected. Frequencies which are in the ‘reject’ area
will not be detected and consequently the IRQ/CP
pin will remain low.
DTMF Generator
The DTMF transmitter employed in the MT8880C/C-
1 is capable of generating all sixteen standard DTMF
tone pairs with low distortion and high accuracy. All
frequencies are derived from an external 3.579545
MHz crystal. The sinusoidal waveforms for the
individual tones are digitally synthesized using row
and column programmable dividers and switched
capacitor D/A converters. The row and column tones
are mixed and filtered providing a DTMF signal with
low total harmonic distortion and high accuracy. To
specify a DTMF signal, data conforming to the
encoding format shown in Figure 7 must be written to
the transmit Data Register. Note that this is the same
as the receiver output code. The individual tones
which are generated (fLOW and fHIGH) are referred to
as Low Group and High Group tones. As seen from
the table, the low group frequencies are 697, 770,
852 and 941 Hz. The high group frequencies are
1209, 1336, 1477 and 1633 Hz. Typically, the high
group to low group amplitude ratio (pre-emphasis) is
2dB to compensate for high group attenuation on
long loops.
0= LOGIC LOW, 1= LOGIC HIGH
Figure 7 - Functional Encode/Decode Table
Figure 8 - Call Progress Response
The period of each tone consists of 32 equal time
segments. The period of a tone is controlled by
varying the length of these time segments. During
write operations to the Transmit Data Register the 4
bit data on the bus is latched and converted to 2 of 8
coding for use by the programmable divider circuitry.
This code is used to specify a time segment length
which will ultimately determine the frequency of the
tone. When the divider reaches the appropriate
count, as determined by the input code, a reset pulse
is issued and the counter starts again. The number
FLOW
FHIGH
DIGIT
D3
D2
D1
D0
697
1209
1
0001
697
1336
2
0010
697
1477
3
0011
770
1209
4
0100
770
1336
5
0101
770
1477
6
0110
852
1209
7
0111
852
1336
8
1000
852
1477
9
1001
941
1336
0
1010
941
1209
*
1011
941
1477
#
1100
697
1633
A
1101
770
1633
B
1110
852
1633
C
1111
941
1633
D
0000
LEVEL
(dBm)
FREQUENCY (Hz)
-25
0
250
500
750
= Reject
= May Accept
= Accept



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com